Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MDT2010JG Datasheet(PDF) 5 Page - Micon Design Technology Corporation

Part No. MDT2010JG
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2010JG Datasheet(HTML) 5 Page - Micon Design Technology Corporation

  MDT2010JG Datasheet HTML 1Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 2Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 3Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 4Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 5Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 6Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 7Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 8Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MDT2010(JG)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 4
2006/4
VER1.1
(9) CPIO A, CPIO B (Control Port I/O Mode Register)
The CPIO register is “write-only”
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
(10) EPROM Option by writer programming :
Oscillator Type
Oscillator Start-up Time
RC
Oscillator
150
µs,20ms,40ms,80ms
HFXT Oscillator
20 ms,40ms,80ms
XTAL Oscillator
20ms,40 ms,80ms
LFXT Oscillator
40 ms,80 ms
Watchdog Timer control
Watchdog timer disable all the time
Watchdog timer enable all the time
Power Edge Detect
Security bit
PED
Disable
Security weak Disable
PED
Enable
Security Disable
Security Enable
The default EPROM security is weak disable. Once the IC was set in enable or disable, it’s
forbidden to set in disable or enable again.
(B) Program Memory
Address
Description
000-3FF
Program memory for MDT2010
3FF
The starting address of the power on, external
reset or WDT for MDT2010


Similar Part No. - MDT2010JG

ManufacturerPart No.DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT2010JE MDTIC-MDT2010JE Datasheet
110Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2010JG

ManufacturerPart No.DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43_04 Datasheet
345Kb / 10P
   8-bit Micro-controller
MDT10P716 MDTIC-MDT10P716 Datasheet
137Kb / 16P
   8-bit micro-controller
MDT10P10BG MDTIC-MDT10P10BG Datasheet
132Kb / 16P
   8-bit micro-controller
SyncMOS Technologies,Inc
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
Megawin Technology Co., Ltd
Megawin Technology Co.,...
MPC82X54A MEGAWIN-MPC82X54A Datasheet
1Mb / 74P
   8-bit micro-controller
MPC89E58A MEGAWIN-MPC89E58A Datasheet
240Kb / 36P
   8-bit micro-controller
King blillion Electronics Co.,Ltd.
King blillion Electroni...
HE83120 KB-HE83120 Datasheet
254Kb / 10P
   8-BIT MICRO-CONTROLLER
HE83123 KB-HE83123 Datasheet
233Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83135 KB-HE83135 Datasheet
262Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83R143 KB-HE83R143 Datasheet
297Kb / 11P
   8-BIT MICRO-CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com