Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

753161180GPTR13 Datasheet(PDF) 4 Page - CTS Corporation

Part # 753161180GPTR13
Description  Leadless Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

753161180GPTR13 Datasheet(HTML) 4 Page - CTS Corporation

  753161180GPTR13 Datasheet HTML 1Page - CTS Corporation 753161180GPTR13 Datasheet HTML 2Page - CTS Corporation 753161180GPTR13 Datasheet HTML 3Page - CTS Corporation 753161180GPTR13 Datasheet HTML 4Page - CTS Corporation 753161180GPTR13 Datasheet HTML 5Page - CTS Corporation 753161180GPTR13 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dual Terminator Resistor Values
R1
R2
R1
R2
Ohms
Thevenin
Equivalent
CTS
Code
Ohms
Thevenin
Equivalent
CTS
Code
25
50
17 ohm
150A
270
180
108 ohm
111C
30
50
19 ohm
190A
271
131
88 ohm
880A
30
620
29 ohm
290A
330
470
194 ohm
191A
33
4.7K
33 ohm
330A
330
680
222 ohm
221A
36
620
34 ohm
340A
330
390
179 ohm
181A
43
620
40 ohm
400A
330
220
132 ohm
131D
68
189
50 ohm
500B
330
330
165 ohm
171B
75
620
67 ohm
670A
360
720
240 ohm
241B
80
220
59 ohm
590A
360
600
225 ohm
231A
81
130
50 ohm
500A
390
620
239 ohm
241A
81
2.2K
78 ohm
780A
470
1K
320 ohm
321A
100
200
67 ohm
670B
470
680
278 ohm
281A
100
430
81 ohm
810A
470
940
313 ohm
311A
100
150
60 ohm
600A
500
500
250 ohm
251A
106
169
65 ohm
650A
560
910
347 ohm
351A
110
220
73 ohm
730A
560
1K
359 ohm
361A
118
178
71 ohm
710A
680
1K
405 ohm
401A
120
200
75 ohm
750B
750
750
375 ohm
381A
120
180
72 ohm
720A
750
2.3K
566 ohm
571A
120
120
60 ohm
600B
1K
3.3K
767 ohm
771A
150
150
75 ohm
750A
1K
2K
667 ohm
671A
160
260
99 ohm
990A
1.1K
2.2K
733 ohm
731A
160
240
96 ohm
960A
1.2K
1.2K
600 ohm
601A
160
270
100 ohm
101D
1.5K
1.5K
750 ohm
751A
162
260
100 ohm
101B
1.5K
3.3K
1031 ohm
102A
180
300
113 ohm
111B
2K
2K
1000 ohm
102B
180
470
130 ohm
131C
2.2K
5.6K
1579 ohm
162A
180
390
123 ohm
121A
2.2K
4.4K
1467 ohm
152A
180
270
108 ohm
111A
2.2K
3.3K
1320 ohm
132A
180
220
99 ohm
101A
3K
6.2K
2022 ohm
202A
200
1.5K
176 ohm
171D
3K
2K
1200 ohm
122A
220
330
132 ohm
131A
3.3K
4.7K
1939 ohm
192A
220
270
121 ohm
121B
3.9K
3.3K
1788 ohm
182A
220
220
110 ohm
111D
4.7K
22K
3873 ohm
392A
240
170
100 ohm
101C
5K
5K
2500 ohm
252A
240
620
173 ohm
171C
6.8K
22K
5194 ohm
522A
250
250
125 ohm
131B
10K
51K
8361 ohm
842A
270
470
171 ohm
171A
50K
100K
33,333 ohm
333A
1.
All tolerances +/-2%.
2. Other values available on request. 3. Suffix letter has no significance - assigned in sequential order.
Page 4 of 6
January 2007
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 753161180GPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753161DPTR13 CTS-753161DPTR13 Datasheet
189Kb / 4P
   High Density Packaging
753161DPTR7 CTS-753161DPTR7 Datasheet
189Kb / 4P
   High Density Packaging
753161FPTR13 CTS-753161FPTR13 Datasheet
189Kb / 4P
   High Density Packaging
753161FPTR7 CTS-753161FPTR7 Datasheet
189Kb / 4P
   High Density Packaging
753161GPTR13 CTS-753161GPTR13 Datasheet
189Kb / 4P
   High Density Packaging
More results

Similar Description - 753161180GPTR13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Compensated Deuices Inc...
CDLL3821 CDI-DIODE-CDLL3821 Datasheet
22Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4099 CDI-DIODE-CDLL4099 Datasheet
96Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL746 CDI-DIODE-CDLL746 Datasheet
25Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4614 CDI-DIODE-CDLL4614 Datasheet
109Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Connor-Winfield Corpora...
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD621 CONNOR-WINFIELD-MSD621 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com