Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MDT10P10BG Datasheet(PDF) 7 Page - Micon Design Technology Corporation

Part # MDT10P10BG
Description  8-bit micro-controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P10BG Datasheet(HTML) 7 Page - Micon Design Technology Corporation

Back Button MDT10P10BG Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 11Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MDT10P10(BG)
This specification are subject to be changed without notice. Any latest information
please preview
ttp;//www.mdtic.com.tw
P. 7
2006/4
VER1.1
Instruction Code
Mnemonic
Operands
Function
Operating
Status
010101 trrrrrrr
RLR
R, t
Rotate left register
R(n)→r(n+1),C→
R(0), R(7)→C
C
010000 1xxxxxxx
CLRW
Clear working register
0→W
Z
010001 0rrrrrrr
CLRR
R
Clear register
0→R
Z
0000bb brrrrrrr
BCR
R, b
Bit clear
0→R(b)
None
0010bb brrrrrrr
BSR
R, b
Bit set
1→R(b)
None
0001bb brrrrrrr
BTSC
R, b
Bit Test, skip if clear
Skip if R(b)=0
None
0011bb brrrrrrr
BTSS
R, b
Bit Test, skip if set
Skip if R(b)=1
None
1000nn nnnnnnnn
LCALL
n
Long CALL subroutine
n→PC,
PC+1→Stack
None
1010nn nnnnnnnn
LJUMP
n
Long JUMP to address
n→PC
None
110000 nnnnnnnn
CALL
n
Call subroutine
n→PC,
PC+1→Stack
None
110001 iiiiiiii
RTWI
i
Return, place immediate to W
Stack→PC, i→W
None
11001n nnnnnnnn
JUMP
n
JUMP to address
n→PC
None
Note :
W
:
Working register
b
:
Bit position
WT
:
Watchdog timer
t
:
Target
TMODE :
TMODE mode register
0
:
Working register
CPIO
:
Control I/O port register
1
:
General register
TF
:
Timer overflow flag
R
:
General register address
PF
:
Power loss flag
C
:
Carry flag
PC
:
Program Counter
HC :
Half carry
OSC
:
Oscillator
Z
:
Zero flag
Inclu.
:
Inclusive
‘∪’
/
:
Complement
Exclu.
:
Exclusive
‘♁’
x
:
Don’t care
AND
:
Logic AND
‘∩’
i
:
Immediate data ( 8 bits )
n
:
Immediate address
9. Electrical Characteristics
(A) Operating Voltage & Frequency
Vdd ﹕2.3V ~ 6.0 V
Frequency﹕0 Hz ~ 20 MHz


Similar Part No. - MDT10P10BG

ManufacturerPart #DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT10P10BE MDTIC-MDT10P10BE Datasheet
159Kb / 16P
   8-bit micro-controller
More results

Similar Description - MDT10P10BG

ManufacturerPart #DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43_04 Datasheet
345Kb / 10P
   8-bit Micro-controller
MDT2010JG MDTIC-MDT2010JG Datasheet
126Kb / 15P
   8-bit micro-controller
MDT10P716 MDTIC-MDT10P716 Datasheet
137Kb / 16P
   8-bit micro-controller
SyncMOS Technologies,Inc
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
Megawin Technology Co., Ltd
Megawin Technology Co.,...
MPC82X54A MEGAWIN-MPC82X54A Datasheet
1Mb / 74P
   8-bit micro-controller
MPC89E58A MEGAWIN-MPC89E58A Datasheet
240Kb / 36P
   8-bit micro-controller
King blillion Electronics Co.,Ltd.
King blillion Electroni...
HE83120 KB-HE83120 Datasheet
254Kb / 10P
   8-BIT MICRO-CONTROLLER
HE83123 KB-HE83123 Datasheet
233Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83135 KB-HE83135 Datasheet
262Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83R143 KB-HE83R143 Datasheet
297Kb / 11P
   8-BIT MICRO-CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com