Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MDT10P10BG Datasheet(PDF) 5 Page - Micon Design Technology Corporation

Part # MDT10P10BG
Description  8-bit micro-controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P10BG Datasheet(HTML) 5 Page - Micon Design Technology Corporation

  MDT10P10BG Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MDT10P10(BG)
This specification are subject to be changed without notice. Any latest information
please preview
ttp;//www.mdtic.com.tw
P. 5
2006/4
VER1.1
Watchdog Timer control
Watchdog timer disable all the time
Watchdog timer enable all the time
Power Edge Detect
Security bit
PED
Disable
Security Disable
PED
Enable
Security Enable
The default EPROM security is disable. Once the IC was set to enable, it can not set to
disable again.
(B) Program Memory
Address
Description
000-3FF
Program memory for MDT10P10
3FF
The starting address of the power on, external
reset or WDT time-out reset for MDT10P10
7. Reset Condition for all Registers
Register
Address
Power-On Reset
/MCLR or WDT Reset
CPIO A
--
1111 1111
1111 1111
CPIO B
--
1111 1111
1111 1111
TMR
--
- - 11 1111
- - 11 1111
IAR
00h
xxxx xxxx
uuuu uuuu
RTCC
01h
xxxx xxxx
uuuu uuuu
PC
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000# #uuu
MSR
04h
111x xxxx
111u uuuu
PORT A
05h
- - - - xxxx
- - - - uuuu
PORT B
06h
xxxx xxxx
uuuu uuuu
Note : u=unchanged,
x=unknown,
- =unimplemented, read as “0”
#=value depends on the condition of the following table


Similar Part No. - MDT10P10BG

ManufacturerPart #DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT10P10BE MDTIC-MDT10P10BE Datasheet
159Kb / 16P
   8-bit micro-controller
More results

Similar Description - MDT10P10BG

ManufacturerPart #DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43_04 Datasheet
345Kb / 10P
   8-bit Micro-controller
MDT2010JG MDTIC-MDT2010JG Datasheet
126Kb / 15P
   8-bit micro-controller
MDT10P716 MDTIC-MDT10P716 Datasheet
137Kb / 16P
   8-bit micro-controller
SyncMOS Technologies,Inc
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
Megawin Technology Co., Ltd
Megawin Technology Co.,...
MPC82X54A MEGAWIN-MPC82X54A Datasheet
1Mb / 74P
   8-bit micro-controller
MPC89E58A MEGAWIN-MPC89E58A Datasheet
240Kb / 36P
   8-bit micro-controller
King blillion Electronics Co.,Ltd.
King blillion Electroni...
HE83120 KB-HE83120 Datasheet
254Kb / 10P
   8-BIT MICRO-CONTROLLER
HE83123 KB-HE83123 Datasheet
233Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83135 KB-HE83135 Datasheet
262Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83R143 KB-HE83R143 Datasheet
297Kb / 11P
   8-BIT MICRO-CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com