Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21303DSPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS21303DSPBF
Description  3-PHASE BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21303DSPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS21303DSPBF Datasheet HTML 1Page - International Rectifier IRS21303DSPBF Datasheet HTML 2Page - International Rectifier IRS21303DSPBF Datasheet HTML 3Page - International Rectifier IRS21303DSPBF Datasheet HTML 4Page - International Rectifier IRS21303DSPBF Datasheet HTML 5Page - International Rectifier IRS21303DSPBF Datasheet HTML 6Page - International Rectifier IRS21303DSPBF Datasheet HTML 7Page - International Rectifier IRS21303DSPBF Datasheet HTML 8Page - International Rectifier IRS21303DSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.irf.com
5
IRS2130D/IRS21303D/IRS2132D (J&S)PbF
Static Electrical Characteristics - (Continued)
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS and TA = 25 °C unless otherwise specified. The VIN, VTH, and IIN parameters
are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3. The VO and IO parameters are
referenced to VSO1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
ISRC,AMP
Operational amplifier output source current
4
7
VCA- = 0 V, VSO =1 V
VCAO = 4 V
ISNK,AMP
Operational amplifier output sink current
1
2.1
VCA- = 1 V, VSO =0 V
VCAO = 2 V
IO+,AMP
Operational amplifier output high short circuit
current
10
VCA- = 0 V, VSO =5 V
VCAO = 0 V
IO-,AMP
Operational amplifier output low short circuit
current
4
mA
VCA- = 5 V, VSO =0 V
VCAO = 5 V
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS , CL = 1000 pF, TA = 25 °C unless otherwise specified.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
400
500
700
toff
Turn-off propagation delay
400
500
700
t r
Turn-on rise time
80
125
tf
Turn-off fall time
35
55
VS1,2,3 = 0 V to 600 V
titrip
ITRIP to output shutdown propagation delay
400
660
920
tbl
ITRIP blanking time
400
tflt
ITRIP to FAULT indication delay
350
550
870
tflt, in
Input filter time (all six inputs)
325
tfltclr
LIN1,2,3 to FAULT clear time IRS213(0,2)D
LIN1,2,3 & HIN1,2,3 to FAULT clear time
IRS21303D
5300 8500 13700
IRS2130D
1300 2000 3100
DT
Deadtime
IRS213(2,03)D 500
700 1100
ns
SR+
Operational amplifier slew rate (+)
5
10
SR-
Operational amplifier slew rate (-)
2.4
3.2
V/µs
1 V input step
NOTE:
For high side PWM, HIN pulse width must be > 1.5 µs.
PRELIMINARY


Similar Part No. - IRS21303DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21303 IRF-IRS21303 Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303JPBF IRF-IRS21303JPBF Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303JTRPBF IRF-IRS21303JTRPBF Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303PBF IRF-IRS21303PBF Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303SPBF IRF-IRS21303SPBF Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS21303DSPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com