Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3612 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT3612
Description  Programmable 300mA Camera Flash LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3612 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3612 Datasheet HTML 2Page - Catalyst Semiconductor CAT3612 Datasheet HTML 3Page - Catalyst Semiconductor CAT3612 Datasheet HTML 4Page - Catalyst Semiconductor CAT3612 Datasheet HTML 5Page - Catalyst Semiconductor CAT3612 Datasheet HTML 6Page - Catalyst Semiconductor CAT3612 Datasheet HTML 7Page - Catalyst Semiconductor CAT3612 Datasheet HTML 8Page - Catalyst Semiconductor CAT3612 Datasheet HTML 9Page - Catalyst Semiconductor CAT3612 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT3612
Doc. No. MD-5016 Rev. B
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 100mA, CIN = COUT = 2.2μF, C1 = C2 = 1μF, TAMB = 25°C unless otherwise specified.
Power Up with 1 LED at 100mA (1x Mode)
Power Up with 1 LED at 100mA (1.5x Mode)
Enable Power Down Delay (1x Mode)
Enable Power Down Delay (1.5x Mode)
Switching Waveforms in 1.5x Mode
Operating Waveforms in 1x Mode


Similar Part No. - CAT3612

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
CAT3612HV2-GT2 ONSEMI-CAT3612HV2-GT2 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT3612HV2-T2 CATALYST-CAT3612HV2-T2 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
CAT3612HV2-T2 ONSEMI-CAT3612HV2-T2 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
More results

Similar Description - CAT3612

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
   320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
logo
Skyworks Solutions Inc.
AAT1282 SKYWORKS-AAT1282 Datasheet
3Mb / 22P
   2A Driver for High Intensity LED Camera Flash
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 1.5A Current Source Camera Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com