Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75107ANSRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75107ANSRE4
Description  DUAL LINE RECEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75107ANSRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75107ANSRE4 Datasheet HTML 1Page - Texas Instruments SN75107ANSRE4 Datasheet HTML 2Page - Texas Instruments SN75107ANSRE4 Datasheet HTML 3Page - Texas Instruments SN75107ANSRE4 Datasheet HTML 4Page - Texas Instruments SN75107ANSRE4 Datasheet HTML 5Page - Texas Instruments SN75107ANSRE4 Datasheet HTML 6Page - Texas Instruments SN75107ANSRE4 Datasheet HTML 7Page - Texas Instruments SN75107ANSRE4 Datasheet HTML 8Page - Texas Instruments SN75107ANSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High Speed
D Standard Supply Voltage
D Dual Channels
D High Common-Mode Rejection Ratio
D High Input Impedance
D High Input Sensitivity
D Differential Common-Mode Input Voltage
Range of
±3 V
D Strobe Inputs for Receiver Selection
D Gate Inputs for Logic Versatility
D TTL Drive Capability
D High dc Noise Margin
D Totem-Pole Outputs
D B Version Has Diode-Protected Input for
Power-Off Condition
description
These circuits are TTL-compatible, high-speed
line receivers. Each is a monolithic dual circuit
featuring two independent channels. They are
designed for general use, as well as for such
specific applications as data comparators and
balanced, unbalanced, and party-line transmis-
sion systems. These devices are unilaterally
interchangeable with and are replacements for
the SN55107, SN75107, and SN75108, but offer
diode-clamped strobe inputs to simplify circuit
design.
The essential difference between the A and B versions can be seen in the schematics. Input-protection diodes
are in series with the collectors of the differential-input transistors of the B versions. These diodes are useful
in certain party-line systems that have multiple VCC+ power supplies and can be operated with some of the VCC+
supplies turned off. In such a system, if a supply is turned off and allowed to go to ground, the equivalent input
circuit connected to that supply would be as follows:
Input
A Version
Input
B Version
This would be a problem in specific systems that might have the transmission lines biased to some potential
greater than 1.4 V.
The SN55107A is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN75107A, SN75107B, and SN75108A are characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1A
1B
NC
1Y
1G
S
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC+
VCC–
2A
2B
NC
2Y
2G
SN55107A ...
J OR W PACKAGE
SN75107A, SN75107B, SN75108A ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2A
NC
2B
NC
NC
NC
NC
1Y
NC
1G
SN55107A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN75107ANSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75107ANSR TI1-SN75107ANSR Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN75107ANSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com