Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3616HV4-T2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT3616HV4-T2
Description  6-Channel Charge Pump LED Driver with EZDimTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3616HV4-T2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT3616HV4-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT3616HV4-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT3616HV4-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3616HV4-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3616HV4-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3616HV4-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3616HV4-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3616HV4-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3616HV4-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT3616
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5018 Rev. C
Characteristics subject to change without notice
6-Channel Charge Pump LED Driver
with EZDim
TM
FEATURES
6 LED channels with tight matching
Independent Main and Sub channels
1-wire EZDim
TM Programmable LED Current
Accurate 1mA Dimming Level
Power efficiency up to 91%
Fractional pump 1x/1.5x
Low noise input ripple
Fixed High Frequency Operation 1MHz
“Zero” Current Shutdown Mode
Soft start and current limiting
Short circuit protection
Thermal shutdown protection
RoHS-compliant 16-pad TQFN 4mm x 4mm
package
APPLICATION
Main and sub-display backlight
Color LCD and keypad Backlighting
Cellular Phones
Handheld Devices
Digital Cameras
ORDERING INFORMATION
Part Number
Package
Quantity
per Reel
Package
Marking
CAT3616HV4-T2
TQFN-16
(1)
2000
G616
CAT3616HV4-GT2 TQFN-16
(2)
2000
CDAH
Notes: (1) Matte-Tin Plated Finish (RoHS-compliant).
(2) NiPdAu Plated Finish (RoHS-compliant).
DESCRIPTION
The CAT3616 is a high efficiency 1x/1.5x fractional
charge pump with programmable dimming current in
six LED channels. To ensure uniform brightness in
LCD backlight applications, each LED channel
delivers an accurate regulated current.
Low noise and input ripple is achieved by operating at
a constant switching frequency of 1MHz which allows
the use of small external ceramic capacitors. The
1x/1.5x fractional charge pump supports a wide range
of input voltages from 3V to 5.5V with efficiency up to
91%, and is ideal for Li-Ion battery powered devices.
Two groups of LEDs, main (MAIN1 to MAIN4) and sub
(SUB1 and SUB2) are programmable through the
ENM
¯¯¯ (active low) and ENS
¯¯¯ inputs. Independent
current from 1mA to 31mA with a 1mA step are set by
toggling the ENM
¯¯¯ and ENS
¯¯¯ inputs. The enable EN
input pin allows to shutdown the device with zero
quiescent current.
The device is available in a 16-
pad TQFN package
with a max height of 0.8mm.
PIN CONFIGURATION
TQFN 16-pad 4 x 4mm (Top view)
TYPICAL APPLICATION CIRCUIT
Note:
Unused LED channels must be connected to VOUT.
For Ordering Information details, see page 13.


Similar Part No. - CAT3616HV4-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616HV4-T2 CATALYST-CAT3616HV4-T2 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616HV4-T2 ONSEMI-CAT3616HV4-T2 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results

Similar Description - CAT3616HV4-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com