Electronic Components Datasheet Search |
|
SN75107BDRE4 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN75107BDRE4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 30 page SN55107A, SN75107A, SN75107B, SN75108A DUAL LINE RECEIVERS SLLS069D – JANUARY 1977 – REVISED APRIL 1998 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, VCC+ (see Note 3) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage, VCC– –7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 4) ±6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Common-mode input voltage, VIC (see Note 5) ±5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Strobe input voltage 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case temperature for 60 seconds, Tc: FK package 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package 300 °C . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or W package 260 °C . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 3. All voltage values, except differential voltages, are with respect to network ground terminal. 4. Differential voltage values are at the noninverting (A) terminal with respect to the inverting (B) terminal. 5. Common-mode input voltage is the average of the voltages at the A and B inputs. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 70°C POWER RATING TA = 125°C POWER RATING D 950 mW 7.6 mW/ °C 608 mW — FK 1375 mW 11.0 mW/ °C 880 mW 275 mW J 1375 mW 11.0 mW/ °C 880 mW 275 mW N 1150 mW 9.2 mW/ °C 736 mW — W 1000 mW 8.0 mW/ °C 640 mW 200 mW recommended operating conditions (see Note 6) SN55107A SN75107A, SN75107B, SN55107A ,, SN75108A UNIT MIN NOM MAX MIN NOM MAX Supply voltage, VCC + 4.5 5 5.5 4.75 5 5.25 V Supply voltage, VCC – – 4.5 –5 – 5.5 – 4.75 –5 – 5.25 V High-level input voltage between differential inputs, VIDH (see Note 7) 0.025 5 0.025 5 V Low-level input voltage between differential inputs, VIDL (see Note 7) –5 ‡ – 0.025 –5 ‡ – 0.025 V Common-mode input voltage, VIC (see Notes 7 and 8) –3 ‡ 3 –3 ‡ 3 V Input voltage, any differential input to GND (see Note 8) –5 ‡ 3 –5 ‡ 3 V High-level input voltage at strobe inputs, VIH(S) 2 5.5 2 5.5 V Low-level input voltage at strobe inputs, VIL(S) 0 0.8 0 0.8 V Low-level output current, IOL –16 –16 mA Operating free-air temperature, TA –55 125 0 70 °C ‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for input voltage levels only. NOTES: 6. When using only one channel of the line receiver, the strobe input (G) of the unused channel should be grounded and at least one of the differential inputs of the unused receiver should be terminated at some voltage between – 3 V and 3 V. 7. The recommended combinations of input voltages fall within the shaded area in Figure 1. 8. The common-mode voltage may be as low as – 4 V provided that the more positive of the two inputs is not more negative than –3 V. |
Similar Part No. - SN75107BDRE4 |
|
Similar Description - SN75107BDRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |