Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDS-04-J-E Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MGDS-04-J-E
Description  Hi-Rel DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-04-J-E Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MGDS-04-J-E Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDS-04-J-E Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-04-J-E Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-04-J-E Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-04-J-E Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDS-04-J-E Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDS-04-J-E Datasheet HTML 11Page - List of Unclassifed Manufacturers MGDS-04-J-E Datasheet HTML 12Page - List of Unclassifed Manufacturers MGDS-04-J-E Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
For locations, phone, fax, E-Mail see back cover
9
Hi-Rel
Grade
MGDM-04 Series
Gaia Converter FC97-008.08/06 Revision N
©
4
9- Thermal Characteristics
Characteristics
Conditions
Limit or typical
Performances
Operating ambient temperature
range at full load
Ambient temperature *
Minimum
Maximum
- 40°C
+ 85°C
Operating case temperature
range at full load
Case temperature
Minimum
Maximum
- 40°C
+105°C
Storage temperature range
Non functionning
Minimum
Maximum
- 55°C
+ 125°C
Thermal resistance
Rth case to ambient in free air
natural convection
Typical
20°C /W
Note * : The upper temperature range depends on configuration, the user must assure a max. case temperature of + 105°C.
10
100
30
110
80
70
60
90
20
40
50
25%
75%
50%
100%
Power (W)
Temperature (˚C)
Full load ambient temperature without derating : 85˚C
Maximum case temperature : 105˚C
Natural convection operation area
Additionnal cooling operation area
Maximum storage temperature : 125˚C
The MGDM-04 series operating case temperature must not exceed 105°C. The maximum ambient temperature admissible
for the DC/DC converter corresponding to the maximum operating case temperature of 105°C depends on the ambient
airflow, the mounting/orientation, the cooling features and the power dissipated.
To calculate a maximum admissible ambient temperature the following method can be used. Knowing the maximum case
temparature Tcase = 105°C of the module, the power used Pout and the efficienc
y h:
• determine the power dissipated by the module Pdiss that should be evacuated :
Pdiss = Pout(1/h
h
h
h
h
- 1)
• determine the maximum ambient temperature :
Ta = 105°C - Rth x Pdiss
where Rth is the thermal resistance from the case to ambient.
The previous thermal calculation shows two areas of operation :
• a normal operation area in a free natural ambient convection (grey area in this following graph),
• an area with cooling features (air flow or heatsink) ensuring a maximum case temperature below the maximum
operating case temperature of 105°C (white area in the following graph).


Similar Part No. - MGDS-04-J-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-04-J-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com