Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TSP2-XF2012A3 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

Part No. TSP2-XF2012A3
Description  0805 PACKAGE CHIP LED
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo 

TSP2-XF2012A3 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
Rev. A/JY 2007-07-18
www.taitroncomponents.com
Page 3 of 7
0805 PACKAGE CHIP LED
TSP2-XF2012A3
Spectrum Distribution
Wavelength λp(nm)
Luminous Intensity vs. Forward Current
Forward Current IF (mA)
Forward Current Derating Curve
Ambient Temperature Ta (°C)
Forward Current vs. Forward Voltage
Forward Voltage (VF)-volts
Typical Electro-Optical Characteristics Curves
Luminous Intensity vs. Ambient Temperature
Ambient Temperature Ta (°C)
Radiation Diagram (Ta =25°C)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
17-21BHC0805 Package Chip LED 1.1mm Height 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
AL-HB435A0805 Package Super Blue SMD Chip LED Lamps 1.0mm Height 1 2 3 4 5 A-BRIGHT Inc
AL-HG435A0805 Package Bluish Green SMD Chip LED Lamps 1.0mm Height 1 2 3 4 5 A-BRIGHT Inc
17-21-GHC-YR1S2-3T0805 Package Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
TSP2-QF2012A30805 PACKAGE CHIP LED 1 2 3 4 5 MoreTAITRON Components Incorporated
AL-HG6331206 Package Green SMD Chip LED Lamps 1 2 3 4 5 A-BRIGHT Inc
AL-HG633A1206 Package Green SMD Chip LED Lamps 1 2 3 4 5 A-BRIGHT Inc
24-21SYGCReverse Package Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
23-21B-BHC-AN1P2Reverse Package Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
GHC-YR2T1Reverse Package Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn