Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM11-50 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYM11-50
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM11-50 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYM11-50 Datasheet HTML 1Page - Vishay Siliconix BYM11-50 Datasheet HTML 2Page - Vishay Siliconix BYM11-50 Datasheet HTML 3Page - Vishay Siliconix BYM11-50 Datasheet HTML 4Page - Vishay Siliconix BYM11-50 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYM11-50 thru BYM11-1000, RGL41A thru RGL41M
Vishay General Semiconductor
Document Number: 88547
Revision: 11-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Glass Passivated Junction Fast
Switching Rectifier
FEATURES
• Superectifier structure for high reliability
condition
• Patented
glass-plastic
encapsulation
technique
• Ideal for automated placement
• Fast switching for high efficiency
• Low leakage current
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 250 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters, converters, and freewheeling diodes for
consumer, automotive and telecommunication.
MECHANICAL DATA
Case: DO-213AB, molded epoxy over glass body
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Two bands indicate cathode end - 1st band
denotes device type and 2nd band denotes repetitive
peak reverse voltage rating
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
50 V to 1000 V
IFSM
30 A
trr
150 ns, 250 ns, 500 ns
VF
1.3 V
TJ max.
175 °C
Patented*
®
DO-213AB
*Glass-plastic encapsulation
is covered by
Patent No. 3,996,602,
brazed-lead assembly to
Patent No. 3,930,306
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
11-50
BYM
11-100
BYM
11-200
BYM
11-400
BYM
11-600
BYM
11-800
BYM
11-1000
UNIT
FAST SWITCHING TIME DEVICE:
1ST BAND IS RED
RGL41A
RGL41B
RGL41D
RGL41G
RGL41J
RGL41K RGL41M
Polarity color bands (2nd band)
Gray
Red
Orange
Yellow
Green
Blue
Violet
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified
current at TT = 55 °C
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
30
A
Maximum full load reverse current, full
cycle average at TA = 55 °C
IR(AV)
50
µA
Operating junction and storage
temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - BYM11-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
BYM11-50 VISHAY-BYM11-50 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
SUNMATE electronic Co.,...
BYM11-50 SUNMATE-BYM11-50 Datasheet
340Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER DIODES
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
More results

Similar Description - BYM11-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1 VISHAY-RGF1 Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com