Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62069-322 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62069-322
Description  HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62069-322 Datasheet(HTML) 2 Page - Micropac Industries

  62069-322 Datasheet HTML 1Page - Micropac Industries 62069-322 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62069
HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
11/20/03
RED/YELLOW LED
GREEN LED
Relative Luminous Intensity
Relative Luminous Intensity
vs
vs.
Forward Current
Forward Current
(Normalized at 20 mA)
(Normalized at 25 mA)
5
10
15
20
30
35
25
0 . 00
0 . 25
0 . 50
0 . 75
1 . 00
1 . 25
1 . 50
1 . 75
2 . 00
5
10
15
20
30
25
0 . 00
0 . 25
0 . 50
0 . 75
1 . 00
1 . 25
1 . 50
1 . 75
2 . 00
IF - Forward Current – mA
IF - Forward Current – mA
Relative Luminous Intensity
vs.
40°
70°
80°
90°
60°
50°
20°
30°
10°
0
20
40
60
0.75
0.25
0.50
100
80
1.25
1.00
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
20
35
mA
Operating Temperature
TA
-55
+100
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
62069-111
Red LED, commercial, wire wrapped leads
62069-112
Red LED, screened, wire wrapped leads
62069-121
Red LED, commercial, 20 AWG leads
62069-122
Red LED, screened, 20 AWG leads
62069-211
Yellow LED, commercial, wire wrapped leads
62069-212
Yellow LED, screened, wire wrapped leads
62069-221
Yellow LED, commercial, 20 AWG leads
62069-222
Yellow LED, screened, 20 AWG leads
62069-311
Green LED, commercial, wire wrapped leads
62069-312
Green LED, screened, wire wrapped leads
62068-321
Green LED, commercial, 20 AWG leads
62069-322
Green LED, screened, 20 AWG leads
Angular Displacement
ANGULAR DISPLACEMENT - DEGREE


Similar Part No. - 62069-322

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
62069-1 TEC-62069-1 Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 62069-322

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62100 MICROPAC-62100 Datasheet
124Kb / 2P
   ULTRA-BRITE HERMETIC LED INDICATORS
1N6609 MICROPAC-1N6609 Datasheet
114Kb / 2P
   JAN AND JANTX QUALIFIED, HI-BRITE HERMETIC LED INDICATORS
logo
Dialight Corporation
656 DIALIGHT-656 Datasheet
532Kb / 4P
   High Intensity LED Panel Mount Indicators
Nov2021
logo
Opto Electronics Co,. L...
1N5765 E-OEC-1N5765 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
   PANEL MOUNT INDICATORS
logo
Dialight Corporation
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
   Snap-in LED Panel Mount Indicators
logo
Micropac Industries
62072 MICROPAC-62072 Datasheet
160Kb / 3P
   BI-COLOR HERMETIC LED INDICATORS
62098 MICROPAC-62098 Datasheet
170Kb / 3P
   TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
   TRI-COLOR HERMETIC LED INDICATORS
logo
Marl International Limi...
354-320-04 MARL-354-320-04 Datasheet
448Kb / 3P
   STD PANEL MOUNT INDICATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com