Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSR845 Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # TSR845
Description  8A Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR845 Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  TSR845 Datasheet HTML 1Page - TAITRON Components Incorporated TSR845 Datasheet HTML 2Page - TAITRON Components Incorporated TSR845 Datasheet HTML 3Page - TAITRON Components Incorporated TSR845 Datasheet HTML 4Page - TAITRON Components Incorporated TSR845 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
8A Schottky Rectifier
Rev. B/AH 2008-02-12
TSR835 – TSR860
www.taitroncomponents.com
Page 5 of 5
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 247-2232 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - TSR845

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TSR801D125-S7 TOKEN-TSR801D125-S7 Datasheet
403Kb / 9P
   One Port Resonators
TSR809D00A-D1 TOKEN-TSR809D00A-D1 Datasheet
403Kb / 9P
   One Port Resonators
TSR809D00B-S4 TOKEN-TSR809D00B-S4 Datasheet
403Kb / 9P
   One Port Resonators
TSR820D00-S9 TOKEN-TSR820D00-S9 Datasheet
403Kb / 9P
   One Port Resonators
TSR824D25-D1 TOKEN-TSR824D25-D1 Datasheet
403Kb / 9P
   One Port Resonators
More results

Similar Description - TSR845

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MUR870E DIGITRON-MUR870E Datasheet
198Kb / 3P
   8A SCHOTTKY RECTIFIER
MUR805 DIGITRON-MUR805 Datasheet
301Kb / 6P
   8A SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SK86 UTC-SK86 Datasheet
114Kb / 3P
   8A, 60V SCHOTTKY RECTIFIER
logo
SUNMATE electronic Co.,...
80SQ030 SUNMATE-80SQ030 Datasheet
1Mb / 3P
   8A Axial Leaded Schottky Rectifier
logo
PFC Device Inc.
PT8L100SP PFC-PT8L100SP Datasheet
726Kb / 5P
   8A 100V HPTR Schottky Rectifier
P8L60SP PFC-P8L60SP Datasheet
724Kb / 5P
   8A 60V MOS Schottky Rectifier
logo
KODENSHI_AUK CORP.
SDB8200PH KODENSHI-SDB8200PH Datasheet
283Kb / 5P
   200V, 8A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
PT8L120SP PFC-PT8L120SP Datasheet
726Kb / 5P
   8A 120V HPTR Schottky Rectifier
P8L45SP PFC-P8L45SP Datasheet
724Kb / 5P
   8A 45V MOS Schottky Rectifier
logo
Diodes Incorporated
MBRD835L DIODES-MBRD835L Datasheet
62Kb / 2P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30284 Rev. B-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com