Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP128 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP128
Description  DisplayPort 1:2 Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP128 Datasheet(HTML) 3 Page - Texas Instruments

  SN75DP128 Datasheet HTML 1Page - Texas Instruments SN75DP128 Datasheet HTML 2Page - Texas Instruments SN75DP128 Datasheet HTML 3Page - Texas Instruments SN75DP128 Datasheet HTML 4Page - Texas Instruments SN75DP128 Datasheet HTML 5Page - Texas Instruments SN75DP128 Datasheet HTML 6Page - Texas Instruments SN75DP128 Datasheet HTML 7Page - Texas Instruments SN75DP128 Datasheet HTML 8Page - Texas Instruments SN75DP128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
ML_B 2(n)
ML_B 0(p)
ML_B 3(n)
ML_B 1(p)
ML_B 3(p)
ML_B 1(n)
ML_B 2(p)
VDD
AUX_A (p)
AUX_B (p)
VDD
AUX_A (n)
GND
ML_B 0(n)
GND
GND
VDD
1
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
25
26
34 33 32 31 30 29
28
27
40 39 38 37 36 35
48
47
46
45
44
43
42 41
53
56
55
54
52
51
50
49
ML_A 3(n)
ML_A 3(p)
ML_A 2(n)
ML_A 2(p)
ML_A 1(n)
ML_A 1(p)
VDD
ML_A 0(n)
ML_A 0(p)
GND
AUX_B(n)
SN75DP128
SN75DP128
SLLS893 – FEBRUARY 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
MAIN LINK INPUT PINS
ML_IN 0
3, 4
I
DisplayPort Main Link Channel 0 Differential Input
ML_IN 1
6, 7
I
DisplayPort Main Link Channel 1 Differential Input
ML_IN 2
9, 10
I
DisplayPort Main Link Channel 2 Differential Input
ML_IN 3
12, 13
I
DisplayPort Main Link Channel 3 Differential Input
MAIN LINK PORT A OUTPUT PINS
ML_A 0
56, 55
O
DisplayPort Main Link Port A Channel 0 Differential Output
ML_A 1
53, 52
O
DisplayPort Main Link Port A Channel 1 Differential Output
ML_A 2
50, 49
O
DisplayPort Main Link Port A Channel 2 Differential Output
ML_A 3
47, 46
O
DisplayPort Main Link Port A Channel 3 Differential Output
MAIN LINK PORT B OUTPUT PINS
ML_B 0
25, 24
O
DisplayPort Main Link Port B Channel 0 Differential Output
ML_B 1
22, 21
O
DisplayPort Main Link Port B Channel 1 Differential Output
ML_B 2
19, 18
O
DisplayPort Main Link Port B Channel 2 Differential Output
ML_B 3
16, 15
O
DisplayPort Main Link Port B Channel 3 Differential Output
HOT PLUG DETECT PINS
HPD
37
O
Hot Plug Detect Output to the DisplayPort Source
HDP_A
40
I
Port A Hot Plug Detect Input
HPD_B
32
I
Port B hot Plug Detect Input
AUXILIARY DATA PINS
AUX
36, 35
I/O
Source Side Bidirectional DisplayPort Auxiliary Data Line
AUX_A
45, 43
I/O
Port A Bidirectional DisplayPort Auxiliary Data Line
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN75DP128


Similar Part No. - SN75DP128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128ARTQR TI-SN75DP128ARTQR Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128ARTQT TI-SN75DP128ARTQT Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results

Similar Description - SN75DP128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com