Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB75NF75L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB75NF75L
Description  N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75NF75L Datasheet(HTML) 4 Page - STMicroelectronics

  STB75NF75L_07 Datasheet HTML 1Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 2Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 3Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 4Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 5Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 6Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 7Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 8Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB75NF75L
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250µA, VGS= 0
75
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±15V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
12.5
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 37.5A
VGS= 5V, ID= 37.5A
0.009
0.010
0.011
0.013
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS = 15V, ID = 37.5A
120
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f = 1 MHz,
VGS = 0
4300
660
205
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 60V, ID = 75A
VGS = 5V
see Figure 15
75
18
31
90
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 40V, ID = 37.5A,
RG = 4.7Ω, VGS = 4.5V
see Figure 14
35
155
110
60
ns
ns
ns
ns


Similar Part No. - STB75NF75L_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NF75L-1 STMICROELECTRONICS-STB75NF75L-1 Datasheet
382Kb / 11P
   N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
More results

Similar Description - STB75NF75L_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
   N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB75NE75 STMICROELECTRONICS-STB75NE75 Datasheet
86Kb / 8P
   N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
   N-channel 75V - 0.0095廓 - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
   N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
STB60NF06 STMICROELECTRONICS-STB60NF06_06 Datasheet
421Kb / 14P
   N-channel 60V - 0.014廓 - 60A - D2PAK/I2PAK STripFET??II Power MOSFET
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
   N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
STB75NH02L STMICROELECTRONICS-STB75NH02L Datasheet
319Kb / 8P
   N-CHANNEL 24V - 0.0062W -75A - D2PAK STripFET??III POWER MOSFET
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
   N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
logo
STMicroelectronics
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
   N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB80NF03L-04T4 STMICROELECTRONICS-STB80NF03L-04T4_09 Datasheet
326Kb / 13P
   N-channel 30 V, 0.0035 廓, 80 A D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com