Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2062A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2062A
Description  TWO CHANNEL, CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2062A Datasheet(HTML) 2 Page - Texas Instruments

  TPS2062A Datasheet HTML 1Page - Texas Instruments TPS2062A Datasheet HTML 2Page - Texas Instruments TPS2062A Datasheet HTML 3Page - Texas Instruments TPS2062A Datasheet HTML 4Page - Texas Instruments TPS2062A Datasheet HTML 5Page - Texas Instruments TPS2062A Datasheet HTML 6Page - Texas Instruments TPS2062A Datasheet HTML 7Page - Texas Instruments TPS2062A Datasheet HTML 8Page - Texas Instruments TPS2062A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
TPS2062A
TPS2066A
SLVS798D – JANUARY 2008 – REVISED APRIL 2008 ..................................................................................................................................................... www.ti.com
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields.
These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to
MIL-STD-883C, Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than
maximum-rated voltages to these high-impedance circuits. During storage or handling the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic
voltage level, preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
AVAILABLE OPTION AND ORDERING INFORMATION
PACKAGE(1)
RECOMMENDED
TYPICAL
MAXIMUM
D-8
DRB-8
TA
ENABLE
SHORT-CIRCUIT
CONTINUOUS LOAD
(SOIC)
(SON)
LIMIT
CURRENT
PART #
STATUS
PART #
STATUS
Active
TPS2062AD
AVAILABLE
TPS2062ADRB
AVAILABLE
low
–40
°C to
1 A
1.6 A
85
°C
Active
TPS2066AD
AVAILABLE
TPS2066ADRB
AVAILABLE
high
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating temperature range unless otherwise noted
(1) (2)
VALUE
UNIT
VI
Input voltage range
IN
–0.3 to 6
V
VO
Output voltage range
OUTx
–0.3 to 6
V
Input voltage range
ENx, ENx
–0.3 to 6
V
VI
Voltage range
OCx
–0.3 to 6
V
IO
Continuous output current
OUTx
Internally limited
Continuous total power dissipation
See "Dissipation Rating Table"
TJ
Operating junction temperature range
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
Human body model MIL-STD-883C
2
kV
Electrostatic discharge
ESD
protection
Charge device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
TA ≤ 25°C
DERATING
TA = 70°C
TA = 85°C
THERMAL
POWER
FACTOR
POWER
POWER
BOARD
PACKAGE
RESISTANCE
θ
JA
RATING
ABOVE TA =
RATING
RATING
25
°C
Low-K(1)
D-8
170
°C/W
586 mW
5.86 mW/
°C
320 mW
234 mW
High-K(2)
D-8
97.5
°C/W
1025 mW
10.26 mW/
°C
564 mW
410 mW
Low-K(3)
DRB
270
°C/W
370 mW
3.71 mW/
°C
203 mW
148 mW
High-K(4)
DRB
60
°C/W
1600 mW
16.67 mW/
°C
916 mW
666 mW
(1)
The JEDEC low-K (1s) board used to dervie this data was a 3in x 3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to dervive this data was a 3in x 3in, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
(3)
Soldered PowerPAD on a standard 2-layer PCB without vias for thermal pad. See TI application note SLMA002 for further details.
(4)
Soldered PowerPAD on a standard 4-layer PCB with vias for thermal pad. See TI application note SLMA002 for further details.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2062A TPS2066A


Similar Part No. - TPS2062A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062 TI-TPS2062 Datasheet
713Kb / 27P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI-TPS2062 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062 TI1-TPS2062 Datasheet
1Mb / 43P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2062A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com