Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR912FAW42 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STR912FAW42
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR912FAW42 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STR912FAW42 Datasheet HTML 24Page - STMicroelectronics STR912FAW42 Datasheet HTML 25Page - STMicroelectronics STR912FAW42 Datasheet HTML 26Page - STMicroelectronics STR912FAW42 Datasheet HTML 27Page - STMicroelectronics STR912FAW42 Datasheet HTML 28Page - STMicroelectronics STR912FAW42 Datasheet HTML 29Page - STMicroelectronics STR912FAW42 Datasheet HTML 30Page - STMicroelectronics STR912FAW42 Datasheet HTML 31Page - STMicroelectronics STR912FAW42 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
Functional overview
STR91xFAx3x, STR91xFAx4x
28/101
Figure 3.
JTAG chaining inside the STR91xFA
3.15.1
In-system-programming
The JTAG interface is used to program or erase all memory areas of the STR91xFA device.
The pin RESET_INn must be asserted during ISP to prevent the CPU from fetching invalid
instructions while the Flash memories are being programmed.
Note that the 32 bytes of OTP memory locations cannot be erased by any means once
programmed by JTAG ISP or the CPU.
3.15.2
Boundary scan
Standard JTAG boundary scan testing compliant with IEEE-1149.1 is available on the
majority of pins of the STR91xFA for circuit board test during manufacture of the end
product. STR91xFA pins that are not serviced by boundary scan are the following:
JTAG pins JTCK, JTMS, JTDI, JTDO, JTRSTn, JRTCK
Oscillator input pins X1_CPU, X2_CPU, X1_RTC, X2_RTC
Tamper detect input pin TAMPER_IN (128-pin and 144-pin packages only)
3.15.3
CPU debug
The ARM966E-S CPU core has standard ARM EmbeddedICE-RT logic, allowing the
STR91xFA to be debugged through the JTAG interface. This provides advanced debugging
features making it easier to develop application firmware, operating systems, and the
hardware itself. Debugging requires that an external host computer, running debug software,
is connected to the STR91xFA target system via hardware which converts the stream of
debug data and commands from the host system’s protocol (USB, Ethernet, etc.) to the
JTDI
JTMS
JTCK
JTDO
TDI
TMS
TCK
TDO
TDO
TMS TCK
TDI
JTAG TAP CONTROLLER #1
JTAG TAP CONTROLLER #3
BURST FLASH
MEMORY DIE
ARM966ES DIE
BOUNDARY SCAN
STR91xx
JTRSTn
TRST
TDI
TMS
TCK
TDO
JTAG TAP CONTROLLER #2
CPU DEBUG
TRST
JRTCK
TRST
MAIN FLASH
SECONDARY FLASH
JTAG
Instruction
register length:
5 bits for TAP #1
4 bits for TAP #2
JTAG
Instruction
register length
is 8 bits


Similar Part No. - STR912FAW42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR912FAW42 STMICROELECTRONICS-STR912FAW42 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW42H6T STMICROELECTRONICS-STR912FAW42H6T Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW42X6 STMICROELECTRONICS-STR912FAW42X6 Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW42X6 STMICROELECTRONICS-STR912FAW42X6 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW42X6T STMICROELECTRONICS-STR912FAW42X6T Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR912FAW42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91XF STMICROELECTRONICS-STR91XF Datasheet
1Mb / 72P
   ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
STR91XFA STMICROELECTRONICS-STR91XFA Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFAX32 STMICROELECTRONICS-STR91XFAX32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com