Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424ATDKDRMQ1G4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5424ATDKDRMQ1G4
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5424ATDKDRMQ1G4 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5424ATDKDRMQ1G4 Datasheet HTML 1Page - Texas Instruments TAS5424ATDKDRMQ1G4 Datasheet HTML 2Page - Texas Instruments TAS5424ATDKDRMQ1G4 Datasheet HTML 3Page - Texas Instruments TAS5424ATDKDRMQ1G4 Datasheet HTML 4Page - Texas Instruments TAS5424ATDKDRMQ1G4 Datasheet HTML 5Page - Texas Instruments TAS5424ATDKDRMQ1G4 Datasheet HTML 6Page - Texas Instruments TAS5424ATDKDRMQ1G4 Datasheet HTML 7Page - Texas Instruments TAS5424ATDKDRMQ1G4 Datasheet HTML 8Page - Texas Instruments TAS5424ATDKDRMQ1G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
www.ti.com
TAS5414A FUNCTIONAL BLOCK DIAGRAM
Charge
Pump
Over/Under
Voltage
Fault
and
Timing
Logic
AV
(6.5V)
DD
DV
(3.3V)
DD
SDA
SCL
IN1_P
IN_M
FAULT
CPC_TOP
CPC_BOT
CP
A_BYP
PVDD
OUT1_P
OUT1_M
PGND
SGND
TAS5414A-36Pins
GND
CLIP_OTW
OverTemp
Warn/SD
Battery
8VDC – 22VDC
System
P
m
STANDBY
OSC_SYNC
I2C ADDR
I C
2
D_BYP
PGND
GND/SGND
REXT
V
and
REF
I
REF
Supplies
and
References
Channels2,3,4:SameasCh1
3.3V – 5V
RadioDSP
Osc
and
Clock
PreAmp
Gate
Driver
PWM
ClipDetect
Feedback
Channel1of4
Current
Limit
SignalPath
LoadDiagnosticsandFaultMonitors
DCDetect
Open/ShortDiagnostic
OC Timer
Tweeter
Detect
CP
AV
DD
“0”–“3”
Channel
Utilities
MUTE
Optional
LoadDump
PVDD
B0198-03
TAS5414A, TAS5424A
SLOS535A – JULY 2007 – REVISED FEBRUARY 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5414A TAS5424A


Similar Part No. - TAS5424ATDKDRMQ1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424ATDKDRMQ1G4 TI-TAS5424ATDKDRMQ1G4 Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5424ATDKDRMQ1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com