Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4139 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT4139
Description  22V High Current Boost White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4139 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT4139 Datasheet HTML 5Page - Catalyst Semiconductor CAT4139 Datasheet HTML 6Page - Catalyst Semiconductor CAT4139 Datasheet HTML 7Page - Catalyst Semiconductor CAT4139 Datasheet HTML 8Page - Catalyst Semiconductor CAT4139 Datasheet HTML 9Page - Catalyst Semiconductor CAT4139 Datasheet HTML 10Page - Catalyst Semiconductor CAT4139 Datasheet HTML 11Page - Catalyst Semiconductor CAT4139 Datasheet HTML 12Page - Catalyst Semiconductor CAT4139 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CAT4139
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-5032 Rev. A
Characteristics subject to change without notice
PACKAGE OUTLINES DRAWING
TSOT-23 5-Lead (TD)
(1)(2)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MO-193.
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L
L2
SYMBOL
MIN
NOM
MAX
A1.00
A1
0.01
0.05
0.10
A2
0.80
0.87
0.90
b0.30
0.45
c
0.12
0.15
0.20
D
2.90 BSC
E
2.80 BSC
E1
1.60 BSC
e0.95 TYP
L
0.30
0.40
0.50
L1
0.60 REF
L2
0.25 BSC
θ


Similar Part No. - CAT4139

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4139 ONSEMI-CAT4139 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
CAT4139 ONSEMI-CAT4139 Datasheet
133Kb / 13P
   22V High Current Boost White LED Driver
April, 2016 ??Rev. 2
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
266Kb / 13P
   22V High Current Boost White LED Driver
Doc. No. MD-5032 Rev. B
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
133Kb / 13P
   22V High Current Boost White LED Driver
April, 2016 ??Rev. 2
More results

Similar Description - CAT4139

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4139 ONSEMI-CAT4139_16 Datasheet
133Kb / 13P
   22V High Current Boost White LED Driver
April, 2016 ??Rev. 2
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
266Kb / 13P
   22V High Current Boost White LED Driver
Doc. No. MD-5032 Rev. B
CAT4139 ONSEMI-CAT4139 Datasheet
186Kb / 13P
   22 V High Current Boost White LED Driver
February, 2010 ??Rev. 1
logo
Kingbor Technology Co
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Eutech Microelectronics...
EUP2588 EUTECH-EUP2588 Datasheet
134Kb / 1P
   4 Strings High Current White LED Driver with Boost Controller
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com