Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424ATPHDRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5424ATPHDRQ1
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5424ATPHDRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5424ATPHDRQ1 Datasheet HTML 4Page - Texas Instruments TAS5424ATPHDRQ1 Datasheet HTML 5Page - Texas Instruments TAS5424ATPHDRQ1 Datasheet HTML 6Page - Texas Instruments TAS5424ATPHDRQ1 Datasheet HTML 7Page - Texas Instruments TAS5424ATPHDRQ1 Datasheet HTML 8Page - Texas Instruments TAS5424ATPHDRQ1 Datasheet HTML 9Page - Texas Instruments TAS5424ATPHDRQ1 Datasheet HTML 10Page - Texas Instruments TAS5424ATPHDRQ1 Datasheet HTML 11Page - Texas Instruments TAS5424ATPHDRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TAS5414A, TAS5424A
SLOS535A – JULY 2007 – REVISED FEBRUARY 2008
Table 1. TERMINAL FUNCTIONS (continued)
TERMINAL
DKD Package
PHD Package
TYPE(1)
DESCRIPTION
NAME
TAS5414A
TAS5424A
TAS5414A
TAS5424A
NO.
NO.
NO.
NO.
SDA
3
3
63
63
DI/DO
I2C data I/O for communication with system I2C master
SGND
11
12
9
9
AG/DG
Signal ground (analog and digital signal ground)
STANDBY
7
8
4
4
DI
Active-low STANDBY pin. Standby (low), power up (high)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
PVDD
DC supply voltage range
Relative to PGND
–0.3 to 30
V
PVDDMAX
Pulsed supply voltage range
t
≤ 100 ms exposure
–1 to 50
V
PVDDRAMP
Supply voltage ramp rate
Voltage rising up to PVDDMAX
25
V/ms
IPVDD
Externally imposed dc supply current per PVDD or PGND pin
±12
A
IPVDD_MAX
Pulsed supply current per PVDD pin (one shot)
t < 100 ms
17
A
IO
Maximum allowed dc current per output pin
±13.5
A
IO_MAX
(1)
Pulsed output current per output pin (single pulse)
t < 100 ms
±17
A
IIN_MAX
Maximum current, all digital and analog input pins(2)
DC or pulsed
±1
mA
IMUTE_MAX
Maximum current on MUTE pin
DC or pulsed
±20
mA
IIN_ODMAX
Maximum sinking current for open-drain pins
7
mA
Input voltage range for logic pin relative to SGND (SCL and
Supply voltage range:
VLOGIC
–0.3 to 7
V
SDA pins)
6.5 V < PVDD < 24 V
Supply voltage range:
VI2C_ADDR
Input voltage range for I2C_ADDR pin relative to SGND
–0.3 to 7
V
6.5 V < PVDD < 24 V
Supply voltage range:
VSTANDBY
Input voltage range for STANDBY pin
–0.3 to 5.8
V
6.5 V < PVDD < 24V
Supply voltage range:
VOSC_SYNC
Input voltage range for OSC_SYNC pin relative to SGND
–0.3 to 3.6
V
6.5 V < PVDD < 24 V
Maximum instantaneous input voltage (per pin), analog input
Supply voltage range:
VAIN_MAX
6.5
V
pins
6.5 V < PVDD < 24 V
Maximum ac-coupled input voltage for TAS5414A(2), analog
Supply voltage range:
VAIN_AC_MAX_5414
1.9
Vrms
input pins
6.5 V < PVDD < 24 V
3.8
Maximum ac-coupled differential input voltage for
Supply voltage range:
VAIN_AC_MAX_5424
(1.9 per
Vrms
TAS5424A(2), analog input pins
6.5 V < PVDD < 24 V
pin)
Supply voltage range:
VAIN_DC
Input voltage range for analog pin relative to AGND (INx pins)
–0.3 to 6.5
V
6.5 V < PVDD < 24 V
TJ
Maximum operating junction temperature range
–55 to 150
°C
Tstg
Storage temperature range
–55 to 150
°C
Lead temperature during soldering 1,6 mm (1/16 inch) from
TSOLDER
260
°C
case for 10 seconds
Power dissipation
Continuous power dissipation
Tcase = 70°C
80
W
VPGND
Maximum voltage between PGND and GND
±0.3
V
VSGND
Maximum voltage between SGND and GND
±0.3
V
(1)
Pulsed current ratings are maximum survivable currents externally applied to the TAS5414A and TAS5424A. High currents may be
encountered during reverse battery, fortuitous open ground, and fortuitous open supply fault conditions.
(2)
See Application Information section for information on analog input voltage and ac coupling.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5414A TAS5424A


Similar Part No. - TAS5424ATPHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424ATDKDMQ1 TI-TAS5424ATDKDMQ1 Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424ATDKDMQ1 TI1-TAS5424ATDKDMQ1 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424ATDKDMQ1G4 TI-TAS5424ATDKDMQ1G4 Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424ATDKDQ1 TI-TAS5424ATDKDQ1 Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424ATDKDQ1 TI1-TAS5424ATDKDQ1 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5424ATPHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com