Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5111LI-10-G Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT5111LI-10-G
Description  100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5111LI-10-G Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT5111LI-10-G Datasheet HTML 5Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 6Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 7Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 8Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 9Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 10Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 11Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 12Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CAT5111
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-2008 Rev. Q
Characteristics subject to change without notice
MSOP 8-Lead 3.0 x 3.0mm (Z)
(1)(2)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MS-187.
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L2
L
DETAIL A
DETAIL A
SYMBOL
MIN
NOM
MAX
A1.10
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
b
0.22
0.38
c
0.13
0.23
D
2.90
3.00
3.10
E
4.80
4.90
5.00
E1
2.90
3.00
3.10
e0.65 BSC
L
0.40
0.60
0.80
L1
0.95 REF
L2
0.25 BSC
θ
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


Similar Part No. - CAT5111LI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111LI-10-G CATALYST-CAT5111LI-10-G Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
205Kb / 14P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 20
More results

Similar Description - CAT5111LI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111 Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
logo
ON Semiconductor
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
CAT5112LI-10-G ONSEMI-CAT5112LI-10-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com