Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIM-5333K3F Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MIM-5333K3F
Description  INFRARED RECEIVER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-5333K3F Datasheet(HTML) 2 Page - Unity Opto Technology

  MIM-5333K3F Datasheet HTML 1Page - Unity Opto Technology MIM-5333K3F Datasheet HTML 2Page - Unity Opto Technology MIM-5333K3F Datasheet HTML 3Page - Unity Opto Technology MIM-5333K3F Datasheet HTML 4Page - Unity Opto Technology MIM-5333K3F Datasheet HTML 5Page - Unity Opto Technology MIM-5333K3F Datasheet HTML 6Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INFRARED RECEIVER MODULE
MIM-5xx3K3F
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Remark
Supply voltage
VCC
-0.3 ~ 6.0
V
Supply Current
Is
5.0
mA
Operating temperature
Topr
-25 ~ + 85
oC
Storage temperature
Tstg
-25 ~ + 85
oC
Soldering temperature
Tsd
260
oC
t≦5 s, 1mm from case
Power dissipation at Ta=25oC
Ptot
30
mW
Electro-optical characteristics (Vcc=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remarks
Supply Voltage
Vs
4.5
5.0
5.5
V
Current consumption
Icc
1.4
2.0
mA
Under no signal
Response wavelength
lp
940
nm
Output form
- - - - - active low output - - - - -
H level output voltage
V0h
4.2
V
L level output voltage
V0l
0.5
V
H level output pulse width
Twh
400
800
ms
L level output pulse width
Twl
400
800
ms
Distance between emitter & detector
L1
10.0
m
Note 1
Half angle
Dq
±45
deg
Horizonal direction
Test Method
A. Standard Transmitter
12/09/2003
REV: A1
Unity Opto Technology Co., Ltd.
@ Ta=25
oC
ON/OFF pulse width satisfied from
25 cm to detection limit
Fig 2. Standard Transmitter Measurement circuit
+5.0V
10
mF
Vout
25cm
Transmitter
Duty 50%
Oscilloscope
GND
10k
W
carrier frequency f0
duty 50%
600
ms
Fig 1. Burst Wave
600
ms
600
ms


Similar Part No. - MIM-5333K3F

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-5333K1 UOT-MIM-5333K1 Datasheet
105Kb / 6P
   INFRARED RECEIVER MODULE
MIM-5333K1F UOT-MIM-5333K1F Datasheet
223Kb / 6P
   INFRARED RECEIVER MODULE
MIM-5333K2 UOT-MIM-5333K2 Datasheet
111Kb / 6P
   INFRARED RECEIVER MODULE
MIM-5333K2F UOT-MIM-5333K2F Datasheet
108Kb / 6P
   INFRARED RECEIVER MODULE
MIM-5333K4 UOT-MIM-5333K4 Datasheet
229Kb / 6P
   INFRARED RECEIVER MODULE
More results

Similar Description - MIM-5333K3F

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BRM-1040-NS BRIGHT-BRM-1040-NS Datasheet
221Kb / 5P
   INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-5335S2F UOT-MIM-5335S2F Datasheet
233Kb / 6P
   INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
IRM-36XXM3 EVERLIGHT-IRM-36XXM3 Datasheet
332Kb / 7P
   Infrared Receiver Module
logo
Unity Opto Technology
MIM-3337K1F UOT-MIM-3337K1F Datasheet
222Kb / 6P
   INFRARED RECEIVER MODULE
MIM-3337H2F UOT-MIM-3337H2F Datasheet
226Kb / 6P
   INFRARED RECEIVER MODULE
logo
List of Unclassifed Man...
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
   INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
   INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
EAIRMCA1 EVERLIGHT-EAIRMCA1 Datasheet
472Kb / 8P
   Infrared Receiver Module
EAIRMDA1 EVERLIGHT-EAIRMDA1 Datasheet
416Kb / 8P
   Infrared Receiver Module
EAIRMGA0 EVERLIGHT-EAIRMGA0 Datasheet
634Kb / 11P
   Infrared Receiver Module
EAIRMAA3 EVERLIGHT-EAIRMAA3 Datasheet
379Kb / 8P
   Infrared Receiver Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com