Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIM-5563K1 Datasheet(PDF) 4 Page - Unity Opto Technology

Part # MIM-5563K1
Description  INFRARED RECEIVER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-5563K1 Datasheet(HTML) 4 Page - Unity Opto Technology

  MIM-5563K1 Datasheet HTML 1Page - Unity Opto Technology MIM-5563K1 Datasheet HTML 2Page - Unity Opto Technology MIM-5563K1 Datasheet HTML 3Page - Unity Opto Technology MIM-5563K1 Datasheet HTML 4Page - Unity Opto Technology MIM-5563K1 Datasheet HTML 5Page - Unity Opto Technology MIM-5563K1 Datasheet HTML 6Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INFRARED RECEIVER MODULE
MIM-5xx3K1
CHARACTERISTIC CURVES (TA=25
oC)
12/09/2003
REV: A1
Unity Opto Technology Co., Ltd.
INPUT LEVEL vs.OUTPUT PULSE WIDTH
Input Level VIN (mVP-P)
400
500
600
700
800
900
0.1
1
10
100
1000
Burst length * 600
µs, cycle =
1.2ms tpw: Average value of
output from start of signal input
to 60th pulse
Input Level (mVp-p)
0∘
15∘
30∘
45∘
60∘
75∘
1.0
0.8
0.6
0.4
0.2
0
RELATIVE TRANIMISSION
0.1
0.3
0
0.2
0.4
0.6
0.8
1
750
850
950
1050
1150
λ - Wavelength (nm)
RELATIVE SPECTRAL SENSITIVITY vs
WAVELENGTH
0
0.2
0.4
0.6
0.8
1
0.7
0.8
0.9
1
1.1
1.2
1.3
f/fo - Relative Frequency
FREQUENCY DEPENDENCE OF
RESPONSIVITY
f=fo±5%
Δf(3dB) = fo/7
SUPPLY VOLTAGE vs. SUPPLY
CURRENT
1.2
1.
1.
1.4
1.
3
4
5
6
7
Supply Voltage Vcc (V)


Similar Part No. - MIM-5563K1

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-5563K1F UOT-MIM-5563K1F Datasheet
223Kb / 6P
   INFRARED RECEIVER MODULE
More results

Similar Description - MIM-5563K1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BRM-1040-NS BRIGHT-BRM-1040-NS Datasheet
221Kb / 5P
   INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-5335S2F UOT-MIM-5335S2F Datasheet
233Kb / 6P
   INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
IRM-36XXM3 EVERLIGHT-IRM-36XXM3 Datasheet
332Kb / 7P
   Infrared Receiver Module
logo
Unity Opto Technology
MIM-3337K1F UOT-MIM-3337K1F Datasheet
222Kb / 6P
   INFRARED RECEIVER MODULE
MIM-3337H2F UOT-MIM-3337H2F Datasheet
226Kb / 6P
   INFRARED RECEIVER MODULE
logo
List of Unclassifed Man...
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
   INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
   INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
EAIRMCA1 EVERLIGHT-EAIRMCA1 Datasheet
472Kb / 8P
   Infrared Receiver Module
EAIRMDA1 EVERLIGHT-EAIRMDA1 Datasheet
416Kb / 8P
   Infrared Receiver Module
EAIRMGA0 EVERLIGHT-EAIRMGA0 Datasheet
634Kb / 11P
   Infrared Receiver Module
EAIRMAA3 EVERLIGHT-EAIRMAA3 Datasheet
379Kb / 8P
   Infrared Receiver Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com