Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB15A4V Datasheet(PDF) 3 Page - Topstek Inc.

Part # TB15A4V
Description  Topstek Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TB15A4V Datasheet(HTML) 3 Page - Topstek Inc.

  TB15A4V Datasheet HTML 1Page - Topstek Inc. TB15A4V Datasheet HTML 2Page - Topstek Inc. TB15A4V Datasheet HTML 3Page - Topstek Inc. TB15A4V Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Topstek Current Transducer TB5A .. TB37.5A
- 14 -
www.topstek.com
TB
V080201
7/1/2008
x
Pin Assignment
I-
I+
0V
VOUT
-15V
+15V
Model number and date code marking
TB37.5A
06322
2.2x4.9
hole
(mm)
d1xd2
(mm)
1.6x2.5
1.7
a*
(mm)
TB37.5A
Part
Number
TB37.5A PCB mounting hole layout
Appearance, dimensions and pin identification for TB37.5A model
All dimensions in mm ±0.1, holes –0, +0.2 except otherwise noted


Similar Part No. - TB15A4V

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
TB15 PETERMANN-TB15 Datasheet
66Kb / 1P
   HIGH RELIABILITY FOR LOW COST MICRO TUBULAR HOLDER
logo
List of Unclassifed Man...
TB15 ETC2-TB15 Datasheet
275Kb / 8P
   .375 (9.52mm) Center-to-Center Spacing
logo
Clare, Inc.
TB15.0 CLARE-TB15.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Diodes Incorporated
TB1500H DIODES-TB1500H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
logo
Lite-On Technology Corp...
TB1500H LITEON-TB1500H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
More results

Similar Description - TB15A4V

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com