Electronic Components Datasheet Search |
|
MIM-3387K4 Datasheet(PDF) 6 Page - Unity Opto Technology |
|
MIM-3387K4 Datasheet(HTML) 6 Page - Unity Opto Technology |
6 / 6 page INFRARED RECEIVER MODULE MIM-3xx7K4 Reliability Test item Test condition Standard High temparature Ta=+80 oC t=240H Note 2. High temp. & high humi. Ta=+40 oC 90%RH t=240H Note 2. Low temparature Ta= -25 oC t=240H Note 2. Temperature cycle -25 oC(0.5H) ~ +80oC(0.5H) 20cycle Note 2. Dropping Test devices shall be dropped 3 times naturally Note 3. onto hard wooden board from a 75cm height position. NOTE 1. Distance between emitter & detector specifies maximum distance that output wave form satisfies the standard under the conditions below against the standerd transmitter. (1)Measuring place ………Indoor without extreme reflection of light. (2)Ambient light source… Detecting surface illumination shall be 200±50Lux under ordinary hite fluorescense lamp of no high frequency lighting. (3)Standard transmitter … Burst wave indicated in Fig 1. of standard transmitter shall be arranged to 50mVp-p under the measuring circuit specified in Fig 2. NOTE 2. (electro-optical charactistics) shall be satisfied after leaving 2 hours in the normal temperature . NOTE 3. (electro-optical charactistics) shall be satisfied and no conoid deforms and destructions of appearance .(excepting deforms of terminals) Inspection standard 1.Among electrical characteristics , total number shall be inspected on items blow. 1-1 front distance between emitter & detector 1-2 Current consumption 1-3 H level output voltage 1-4 L level output voltage 2.Items except above mentioned are not inspected particularly , but shall fully satisfy CAUTION ( When use and storage of this device ) 1.Store and use where there is no force causing transformation or change in quality . 2.Store and use where there is no corrosive gas or sea(salt) breeze . 3.Store and use where there is no extreme humidity . 4.Solder the lead-pin within the condition of ratings. After soldering do not add extra force . 5.Do not wash this device . Wipe the stains of diode side with a soft cloth. You can use the solvent , ethylalcohol or methylalcohol or isupropylene only . 6.To prevent static electricity damage to the Pre-AMP make sure that the human body , the soldering iron is connected to ground before using . 7.Put decoupling device between Vcc and GND for reduse the noise from power supply line . 8.The performance of remote-control system depends on environments condition and ability of periferal parts. Customer should evaluate the performance as total system in those conditions after system up with components such as commander , micon and this receiver module . Others 1.This device is not design to endure radiative rays and heavily charged particles . 2.In case where any trouble or questions arise,both parties agress to make full discussion covering the said problem . REV: A1 12/09/2003 Unity Opto Technology Co., Ltd. 6/6 |
Similar Part No. - MIM-3387K4 |
|
Similar Description - MIM-3387K4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |