Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448WS Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 1N4448WS
Description  Two Terminals SMD Switching Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4448WS Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  1N4448WS Datasheet HTML 1Page - TAITRON Components Incorporated 1N4448WS Datasheet HTML 2Page - TAITRON Components Incorporated 1N4448WS Datasheet HTML 3Page - TAITRON Components Incorporated 1N4448WS Datasheet HTML 4Page - TAITRON Components Incorporated 1N4448WS Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/JJ 2007-06-15
1N4148WS/1N4448WS/BAV16WS
Two Terminals
SMD Switching Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Two Terminals SMD Switching Diodes
Features
• Fast Switching Speed
• High Conductance
• Electrically Identical to Standard JEDEC
• RoHS compliant
Mechanical Data
Case:
SOD-323, Plastic Case
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
0.0041 gram
Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
1N4148WS
1N4448WS
BAV16WS
Unit
Conditions
Marking Code
A2
A3
A6
VRM
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
IF(AV)
Forward Average Current
150
mA
Valid provided that
electrodes are kept at
ambient temperature
IFSM
Peak Forward Surge Current,
Pulse Width=1.0us
2.0
A
PD
Power Dissipation above 25°C
200
mW
Min
---
0.62 @ 5mA
---
0.855@ 10mA
0.72 @ 5mA
0.715 @ 1mA
1.0 @ 50mA
VF
Forward
Voltage
Max
1.0 @ 10mA
1.0 @100mA
1.25 @ 150mA
V
0.025 @ 20V
0.025 @ 20V
IR
Max. Reverse Current
5.0 @ 75V
5.0 @ 75V
1.0 @ 75V
µA
CD
Diode Capacitance
4.0
4.0
2.0
pF
VR=0V, f=1MHz
Trr
Reverse Recovery Time
4.0
4.0
6.0
ns
IF= 10mA,IR=1mA,
VR=6V,RL=100Ω
TJ,TSTG
Operating Junction and
Storage Temperature Range
-65 to +175
° C
SOD-323


Similar Part No. - 1N4448WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
1N4448WS JIANGSU-1N4448WS Datasheet
701Kb / 4P
   FAST SWITCHING DIODE
logo
Pan Jit International I...
1N4448WS PANJIT-1N4448WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Guangdong Juxing Electr...
1N4448WS JUXING-1N4448WS Datasheet
1Mb / 2P
   200mW Surface Mount Switching Didoe
logo
Tak Cheong Electronics ...
1N4448WS TAK_CHEONG-1N4448WS Datasheet
660Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
logo
Gaomi Xinghe Electronic...
1N4448WS GXELECTRONICS-1N4448WS Datasheet
544Kb / 2P
   Small Signal Diode
More results

Similar Description - 1N4448WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
MCL4148 TAITRON-MCL4148_10 Datasheet
188Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W Datasheet
253Kb / 5P
   Two Terminals SMD Switching Diodes
BAV19WS TAITRON-BAV19WS_10 Datasheet
213Kb / 6P
   Two Terminals SMD Switching Diodes
BAV19W TAITRON-BAV19W_09 Datasheet
191Kb / 5P
   Two Terminals SMD Switching Diodes
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
   Two Terminals SMD Switching Diode
1N4148WU TAITRON-1N4148WU Datasheet
182Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com