Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4738A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 1N4738A
Description  1W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4738A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  1N4738A Datasheet HTML 1Page - TAITRON Components Incorporated 1N4738A Datasheet HTML 2Page - TAITRON Components Incorporated 1N4738A Datasheet HTML 3Page - TAITRON Components Incorporated 1N4738A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. C/AH 2008-02-13
1N4728A - 1N4764A
1W Zener Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
1W Zener Diodes
Features
• 1W Power Dissipation
• Built-in Strain Relief
• Low Inductance
• High Stability
• Zener Voltage from 3.3V to 100V
• High temperature soldering guaranteed: 260°C/10 seconds
/.037" (9.5mm) lead length,
• RoHS Compliant
Mechanical Data
Case:
DO-41(G), Molded Glass
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208
Epoxy:
Plastic package has UL flammability classification 94V-0
Weight:
0.012 ounce, 0.3 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PD
Power Dissipation above 25° C
1
W
VF
Forward Voltage
1.2
V
IF=0.1 A
TJ
Max. Junction Temperature
150
° C
TSTG
Storage Temperature Range
-65 to +150
° C
DO-41(G)


Similar Part No. - 1N4738A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4738A PHILIPS-1N4738A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4738A VISHAY-1N4738A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Chongqing Pingwei Enter...
1N4738A CHONGQING-1N4738A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
List of Unclassifed Man...
1N4738A ETC1-1N4738A Datasheet
16Kb / 1P
   Zener Diodes
logo
Nanjing International G...
1N4738A DGNJDZ-1N4738A Datasheet
134Kb / 4P
   Silicon Planar Power Zener Diodes
More results

Similar Description - 1N4738A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com