Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4697 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # 1N4697
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4697 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  1N4697 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4697 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4697 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4697 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Zener Diodes
1N4678~1N4717
Normal Zener Voltage
Max Voltage
Change
Max Reverse
Current
VZ @ IZT=50µA
Max Zener
Current
IR @ VR
P/N
Nom. V
Min. V
Max. V
∆VZ (V) note1
mA
µA
VR
1N4707
20
19
21
0.2
11.9
0.01
15.2
1N4708
22
20.9
23.1
0.22
10.8
0.01
16.7
1N4709
24
22.8
25.2
0.24
9.9
0.01
18.2
1N4710
25
23.75
26.25
0.25
9.5
0.01
19
1N4711
27
25.65
28.35
0.27
8.8
0.01
20.4
1N4712
28
26.6
29.4
0.28
8.5
0.01
21.2
1N4713
30
28.5
31.5
0.3
7.9
0.01
22.8
1N4714
33
31.35
34.65
0.33
7.2
0.01
25
1N4715
36
34.2
37.8
0.36
6.6
0.01
27.3
1N4716
39
37.05
40.95
0.39
6.1
0.01
29.6
1N4717
43
40.85
45.15
0.43
5.5
0.01
32.6
Note1. ∆VZ (V) is the difference between VZ at 100mA and at 10mA
Rev. B/WW 2006-08-09
www.taitroncomponents.com
Page 3 of 4


Similar Part No. - 1N4697

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4697 VISHAY-1N4697 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4697 DIGITRON-1N4697 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4697 CDI-DIODE-1N4697 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4697 MCC-1N4697 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
General Semiconductor
1N4697 GE-1N4697 Datasheet
40Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4697

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com