Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP64A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 15KP64A
Description  15KW Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

15KP64A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  15KP64A Datasheet HTML 1Page - TAITRON Components Incorporated 15KP64A Datasheet HTML 2Page - TAITRON Components Incorporated 15KP64A Datasheet HTML 3Page - TAITRON Components Incorporated 15KP64A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-04-08
15KP17A - 15KP280CA
15KW Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
15KW Transient Voltage Suppressor
Features
Stand-off voltage from 17 to 280 volts
Glass passivated junction
15KW peak pulse power capability on 10/1000μs waveform
repetition rate(duty cycle): 0.05%
Fast response time: typically less than 1.0ps from 0v to VBR
Bidirectional less than 10ns
Low incremental surge resistance, excellent clamping capability
High temperature soldering guaranteed:
265°C/10 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg tension)
RoHS Compliant
Mechanical Data
Case:
Molded plastic body over glass passivated junction
Terminals:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Color band denotes the cathode except Bi-directional
Mounting position:
Any
Weight:
0.07 ounce, 2.5 grams
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
VWM
Stand-Off Voltage
17 to 280
V
PPPM
Peak Pulse Power Dissipation on 10/1000μs
Waveform(Note 1)
Minimum 15
KW
IPPM
Peak Pulse Current on 10/1000μs Waveform(Note 1)
See Table
A
IFSM
Peak Forward Surge Current 8.3ms Single Half Sine-
wave, Uni-directional only (Note 2)
400
A
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 to 175
° C
Notes:
(1) Non-repetitive current pulse, and derated above TA = 25°C.
(2) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
T6L


Similar Part No. - 15KP64A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP64A EIC-15KP64A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP64A ETC2-15KP64A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
15KP64A MICROSEMI-15KP64A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
SUNMATE electronic Co.,...
15KP64A SUNMATE-15KP64A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
15KP64A LITTELFUSE-15KP64A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP64A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
15KP LEIDITECH-15KP Datasheet
653Kb / 5P
   15KW Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com