Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS354 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # ARS354
Description  35A Automotive Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ARS354 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  ARS354 Datasheet HTML 1Page - TAITRON Components Incorporated ARS354 Datasheet HTML 2Page - TAITRON Components Incorporated ARS354 Datasheet HTML 3Page - TAITRON Components Incorporated ARS354 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
35A Automotive Rectifiers
Rev. A/AH 2008-02-16
ARS3505 – ARS358
www.taitroncomponents.com
Page 3 of 4
Fig.3- Typical Instantaneous Forward Characteristics
Instantaneous Forward Voltage (V)
Dimensions in inch (mm)
Fig.4-Forward Power Dissipation
Average Forward Current (A)
ARS


Similar Part No. - ARS354

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ARS354 MIC-ARS354 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
ARS354 CHENYI-ARS354 Datasheet
154Kb / 2P
   BUTTON DIODES
logo
HY ELECTRONIC CORP.
ARS3540 HY-ARS3540 Datasheet
328Kb / 3P
   Transient Voltage Suppressor for Automobile Button
More results

Similar Description - ARS354

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
AR3505 TAITRON-AR3505 Datasheet
134Kb / 4P
   35A Automotive Rectifiers
logo
Leshan Radio Company
35A LRC-35A Datasheet
72Kb / 2P
   35A BRIDGE RECTIFIERS
logo
Nell Semiconductor Co.,...
35CD NELLSEMI-35CD Datasheet
85Kb / 1P
   Automotive Cell Diodes, 35A
logo
Won-Top Electronics
C35A WTE-C35A_06 Datasheet
42Kb / 2P
   35A AUTOMOTIVE CELL DIODE
AR35A WTE-AR35A Datasheet
52Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
C35A WTE-C35A Datasheet
23Kb / 2P
   35A AUTOMOTIVE RECTIFIER CELL
C35A WTE-C35A_14 Datasheet
31Kb / 2P
   35A AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
   35A AUTOMOTIVE BUTTON DIODE
ARS35 DGNJDZ-ARS35 Datasheet
55Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR35A WTE-AR35A_06 Datasheet
68Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com