Electronic Components Datasheet Search |
|
15KP33CA Datasheet(PDF) 1 Page - TAITRON Components Incorporated |
|
15KP33CA Datasheet(HTML) 1 Page - TAITRON Components Incorporated |
1 / 4 page Rev. A/AH 2008-04-08 15KP17A - 15KP280CA 15KW Transient Voltage Suppressor TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Page 1 of 4 Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415 15KW Transient Voltage Suppressor Features Stand-off voltage from 17 to 280 volts Glass passivated junction 15KW peak pulse power capability on 10/1000μs waveform repetition rate(duty cycle): 0.05% Fast response time: typically less than 1.0ps from 0v to VBR Bidirectional less than 10ns Low incremental surge resistance, excellent clamping capability High temperature soldering guaranteed: 265°C/10 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg tension) RoHS Compliant Mechanical Data Case: Molded plastic body over glass passivated junction Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes the cathode except Bi-directional Mounting position: Any Weight: 0.07 ounce, 2.5 grams Maximum Ratings (T Ambient=25ºC unless noted otherwise) Symbol Description Value Unit Conditions VWM Stand-Off Voltage 17 to 280 V PPPM Peak Pulse Power Dissipation on 10/1000μs Waveform(Note 1) Minimum 15 KW IPPM Peak Pulse Current on 10/1000μs Waveform(Note 1) See Table A IFSM Peak Forward Surge Current 8.3ms Single Half Sine- wave, Uni-directional only (Note 2) 400 A TJ,TSTG Operating Junction and Storage Temperature Range -55 to 175 ° C Notes: (1) Non-repetitive current pulse, and derated above TA = 25°C. (2) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses T6L |
Similar Part No. - 15KP33CA |
|
Similar Description - 15KP33CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |