Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB2321T18 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # CB2321T18
Description  1.0A Surface Mount Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

CB2321T18 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  CB2321T18 Datasheet HTML 1Page - TAITRON Components Incorporated CB2321T18 Datasheet HTML 2Page - TAITRON Components Incorporated CB2321T18 Datasheet HTML 3Page - TAITRON Components Incorporated CB2321T18 Datasheet HTML 4Page - TAITRON Components Incorporated CB2321T18 Datasheet HTML 5Page - TAITRON Components Incorporated CB2321T18 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/AH 2007-12-20
CB2321T12 – CB2321T110
1.0A Surface Mount
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.0A Surface Mount Bridge Rectifier
Features
• Internal construction with GPRC
(Glass Passivated Rectifier Chip) inside
• For surface mounted applications
• Low power loss, High efficiency
• High current capability
• High surge capacity
• Plastic package has UL Flammability Classification 94V-0
• RoHS Compliant
Mechanical Data
Case:
Packed with FRP substrate and epoxy underfilled
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Laser marking
Mounting Position:
Any
Weight:
0.07 gram
Maximum Ratings And Electrical Characteristics (Tamb=25˚C)
Symbol
Description
CB2321
T12
CB2321
T14
CB2321
T16
CB2321
T18
CB2321
T110
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
140
280
420
560
700
V
VDC
Max. DC Blocking
Voltage
200
400
600
800
1000
V
IF(AV)
Max. Average Forward
Rectified Current
1.0
A
TA = 55°C
IFSM
Peak Forward Surge
Current
30
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC Method)
0.9
IF = 0.4A
VF
Max. Instantaneous
Forward Voltage per
element
1.0
V
IF = 1.0A
C2321


Similar Part No. - CB2321T18

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
   Generation II LEDs
logo
Chip Integration Techno...
CB230WSG-ST CITC-CB230WSG-ST Datasheet
155Kb / 4P
   2A Trench Schottky Rectifier
logo
Marktech Corporate
CB230 MARKTECH-CB230_15 Datasheet
347Kb / 4P
   Generation II LEDs
More results

Similar Description - CB2321T18

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
DF005S TAITRON-DF005S Datasheet
194Kb / 5P
   1.0A Surface Mount Bridge Rectifier
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TS120S ZSELEC-TS120S Datasheet
135Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
Zibo Seno Electronic En...
KMB12F ZSELEC-KMB12F Datasheet
389Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB12S ZSELEC-KMB12S Datasheet
389Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
B40C800DM ZSELEC-B40C800DM Datasheet
77Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
DF005S SHUNYE-DF005S Datasheet
100Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com