Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C16258SLT35 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V53C16258SLT35
Description  HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258SLT35 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V53C16258SLT35 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C16258SLT35 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258SLT35 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258SLT35 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258SLT35 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258SLT35 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258SLT35 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258SLT35 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258SLT35 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
V53C16258L Rev. 1.1 June 1999
MOSEL VITELIC
V53C16258L
DC and Operating Characteristics (1-2)
TA = 0°C to 70°C, VCC = +3.3 V ± 0.3V, VSS = 0 V, unless otherwise specified.
Symbol
Parameter
Access
Time
V53C16258L
Unit
Test Conditions
Notes
Min.
Typ.
Max.
ILI
Input Leakage Current
(any input pin)
–10
10
µA
VSS ≤ VIN ≤ VCC
ILO
Output Leakage Current
(for High-Z State)
–10
10
µA
VSS≤ VOUT ≤ VCC
RAS, CAS at VIH
ICC1
VCC Supply Current,
Operating
35
120
mA
tRC = tRC (min.)
1, 2
40
110
45
100
50
90
ICC2
VCC Supply Current,
TTL Standby
1
mA
RAS, CAS at VIH
other inputs
≥ V
SS
ICC3
VCC Supply Current,
RAS-Only Refresh
35
120
mA
tRC = tRC (min.)
2
40
110
45
100
50
90
ICC4
VCC Supply Current,
EDO Page Mode Operation
35
120
mA
Minimum Cycle
1, 2
40
100
45
90
50
80
ICC5
VCC Supply Current,
Standby, Output Enabled
other inputs
≥ V
SS
1
mA
RAS=VIH, CAS=VIL
1
ICC6
VCC Supply Current,
CMOS Standby
500
µA
RAS
≥ V
CC – 0.2 V,
CAS
≥ V
CC– 0.2 V,
All other inputs
≥ V
SS
ICC7
VCC Supply Current,
Self Refresh
200
µA
RAS = CAS
≤ 0.2 V
Output Open
VCC
Power Supply Voltage
3.0
3.3
3.6
V
VIL
Input Low Voltage
–1
0.8
V
3
VIH
Input High Voltage
2.4
VCC+1
V
3
VOL
Output Low Voltage
0.4
V
IOL = 2 mA
VOH
Output High Voltage
2.4
V
IOH = –2 mA


Similar Part No. - V53C16258SLT35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C16258SHK25 MOSEL-V53C16258SHK25 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK30 MOSEL-V53C16258SHK30 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK35 MOSEL-V53C16258SHK35 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SHK40 MOSEL-V53C16258SHK40 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
More results

Similar Description - V53C16258SLT35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C832L MOSEL-V53C832L Datasheet
178Kb / 18P
   HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com