Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C316405A Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V53C316405A
Description  3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C316405A Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V53C316405A Datasheet HTML 1Page - Mosel Vitelic, Corp V53C316405A Datasheet HTML 2Page - Mosel Vitelic, Corp V53C316405A Datasheet HTML 3Page - Mosel Vitelic, Corp V53C316405A Datasheet HTML 4Page - Mosel Vitelic, Corp V53C316405A Datasheet HTML 5Page - Mosel Vitelic, Corp V53C316405A Datasheet HTML 6Page - Mosel Vitelic, Corp V53C316405A Datasheet HTML 7Page - Mosel Vitelic, Corp V53C316405A Datasheet HTML 8Page - Mosel Vitelic, Corp V53C316405A Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MOSEL VITELIC
1
V53C316405A
3.3 VOLT 4M x 4 EDO PAGE MODE
CMOS DYNAMIC RAM
V53C316405A Rev. 1.2 March 1998
V53C316405A
50
60
Max. RAS Access Time, (tRAC)
50 ns
60 ns
Max. Column Address Access Time, (tCAA)
25 ns
30 ns
Min. Extended Data Out Page Mode Cycle Time, (tPC)
20 ns
25 ns
Min. Read/Write Cycle Time, (tRC)
84 ns
104 ns
Features
s 4M x 4-bit organization
s EDO Page Mode for a sustained data rate
of 50 MHz
s RAS access time: 50, 60 ns
s Low power dissipation
s Read-Modify-Write, RAS-Only Refresh,
CAS-Before-RAS Refresh and Hidden Refresh
s Refresh Interval: 4096 cycles/64 ms
s Available in 24/26-pin 300 mil SOJ,
and 24/26-pin 300 mil TSOP-II
s Single +3.3V
±0.3V Power Supply
s TTL Interface
Description
The V53C316405A is a 4,194,304 x 4 bit high-
performance CMOS dynamic random access mem-
ory. The V53C316405A offers Page mode opera-
tion with Extended Data Output. The V53C316405A
has asymmetric address, 12-bit row and 10-bit col-
umn.
All inputs are TTL compatible. EDO Page Mode
operation allows random access up to 1024 x 4 bits,
within a page, with cycle times as short as 20ns.
These features make the V53C316405A ideally
suited for a wide variety of high performance com-
puter systems and peripheral applications.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Power
Temperature
Mark
K
T
50
60
Std.
0
°C to 70°C
Blank


Similar Part No. - V53C316405A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A50 MOSEL-V53C317405A50 Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A60 MOSEL-V53C317405A60 Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C318165A50 MOSEL-V53C318165A50 Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C316405A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
AMIC Technology
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A422604 AMICC-A422604 Datasheet
262Kb / 24P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604 Datasheet
265Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com