Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321J Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST72321J
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST72321J Datasheet HTML 69Page - STMicroelectronics ST72321J Datasheet HTML 70Page - STMicroelectronics ST72321J Datasheet HTML 71Page - STMicroelectronics ST72321J Datasheet HTML 72Page - STMicroelectronics ST72321J Datasheet HTML 73Page - STMicroelectronics ST72321J Datasheet HTML 74Page - STMicroelectronics ST72321J Datasheet HTML 75Page - STMicroelectronics ST72321J Datasheet HTML 76Page - STMicroelectronics ST72321J Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 179 page
background image
ST72321J
73/179
16-BIT TIMER (Cont’d)
10.4.3.4 Output Compare
In this section, the index,
i, may be 1 or 2 because
there are 2 output compare functions in the 16-bit
timer.
This function can be used to control an output
waveform or indicate when a period of time has
elapsed.
When a match is found between the Output Com-
pare register and the free running counter, the out-
put compare function:
– Assigns pins with a programmable value if the
OC
iE bit is set
– Sets a flag in the status register
– Generates an interrupt if enabled
Two 16-bit registers Output Compare Register 1
(OC1R) and Output Compare Register 2 (OC2R)
contain the value to be compared to the counter
register each timer clock cycle.
These registers are readable and writable and are
not affected by the timer hardware. A reset event
changes the OCiR value to 8000h.
Timing resolution is one count of the free running
counter: (
fCPU/CC[1:0]).
Procedure:
To use the output compare function, select the fol-
lowing in the CR2 register:
– Set the OC
iE bit if an output is needed then the
OCMP
i pin is dedicated to the output compare i
signal.
– Select the timer clock (CC[1:0]) (see Table 17
Clock Control Bits).
And select the following in the CR1 register:
– Select the OLVL
i bit to applied to the OCMPi pins
after the match occurs.
– Set the OCIE bit to generate an interrupt if it is
needed.
When a match is found between OCRi register
and CR register:
– OCF
i bit is set.
– The OCMP
i pin takes OLVLi bit value (OCMPi
pin latch is forced low during reset).
– A timer interrupt is generated if the OCIE bit is
set in the CR1 register and the I bit is cleared in
the CC register (CC).
The OCiR register value required for a specific tim-
ing application can be calculated using the follow-
ing formula:
Where:
t
= Output compare period (in seconds)
fCPU
= CPU clock frequency (in hertz)
PRESC = Timer prescaler factor (2, 4 or 8 de-
pending on CC[1:0] bits, see Table 17
Clock Control Bits)
If the timer clock is an external clock, the formula
is:
Where:
t
= Output compare period (in seconds)
fEXT
= External timer clock frequency (in hertz)
Clearing the output compare interrupt request (i.e.
clearing the OCF
i bit) is done by:
1. Reading the SR register while the OCF
i bit is
set.
2. An access (read or write) to the OC
iLR register.
The following procedure is recommended to pre-
vent the OCF
i bit from being set between the time
it is read and the write to the OCiR register:
– Write to the OC
iHR register (further compares
are inhibited).
– Read the SR register (first step of the clearance
of the OCF
i bit, which may be already set).
– Write to the OC
iLR register (enables the output
compare function and clears the OCF
i bit).
MS Byte
LS Byte
OC
iROCiHR
OC
iLR
OCiR =
t * fCPU
PRESC
OCiR = ∆t
* fEXT


Similar Part No. - ST72321J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321J STMICROELECTRONICS-ST72321J Datasheet
4Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321J7 STMICROELECTRONICS-ST72321J7 Datasheet
4Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321J7 STMICROELECTRONICS-ST72321J7 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J7-Auto STMICROELECTRONICS-ST72321J7-Auto Datasheet
2Mb / 243P
   PLL for 2x frequency multiplication
August 2010 Rev 1
ST72321J7T1 STMICROELECTRONICS-ST72321J7T1 Datasheet
4Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
More results

Similar Description - ST72321J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
   8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
ST72311R STMICROELECTRONICS-ST72311R Datasheet
1Mb / 164P
   8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com