Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP10MM Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GP10MM
Description  1.0A Sintered Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GP10MM Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GP10MM Datasheet HTML 1Page - TAITRON Components Incorporated GP10MM Datasheet HTML 2Page - TAITRON Components Incorporated GP10MM Datasheet HTML 3Page - TAITRON Components Incorporated GP10MM Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0A Sintered Glass Passivated Rectifier
Rev. B/AH 2008-01-11
GP10Q – GP10MM
www.taitroncomponents.com
Page 2 of 4
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60Hz
Note: Thermal resistance from junction to ambient at 0.375” (9.5mm) lead lengths, P.C.B mounted.
Typical Characteristics Curves
Symbol
Description
GP10Q
GP10V
GP10Y
GP10Z
GP10MM
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
1.25
2.0
V
IF=1.0 A
5
TA=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
50
µA
TA=100° C
CJ
Typical Junction
Capacitance
10
pF
VR=4V, f=1MHz
RthJA
Typical Thermal
Resistance
55
°C / W
Note
TJ,
TSTG
Operating Junction
and Storage
Temperature Range
-65 to +175
° C


Similar Part No. - GP10MM

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10M ZOWIE-GP10M Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Nanjing International G...
GP10M DGNJDZ-GP10M Datasheet
221Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
General Semiconductor
GP10M GE-GP10M Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP10M MCC-GP10M Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Vishay Siliconix
GP10M VISHAY-GP10M Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
More results

Similar Description - GP10MM

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GP02-20 TAITRON-GP02-20 Datasheet
126Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
GP10A TAITRON-GP10A Datasheet
127Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
TCDT1DW TAITRON-TCDT1DW Datasheet
199Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
TCDR1DW TAITRON-TCDR1DW Datasheet
200Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
GF1Q TAITRON-GF1Q Datasheet
150Kb / 5P
   1.0A Surface Mount Sintered Glass Passivated Rectifier
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Rectifier
RGF1A TAITRON-RGF1A Datasheet
173Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
GF1A TAITRON-GF1A Datasheet
150Kb / 5P
   1.0A Surface Mount Sintered Glass Passivated Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com