Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC357NT Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # KPC357NT
Description  Mini-flat Package General Purpose Photo Coupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

KPC357NT Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  KPC357NT Datasheet HTML 1Page - TAITRON Components Incorporated KPC357NT Datasheet HTML 2Page - TAITRON Components Incorporated KPC357NT Datasheet HTML 3Page - TAITRON Components Incorporated KPC357NT Datasheet HTML 4Page - TAITRON Components Incorporated KPC357NT Datasheet HTML 5Page - TAITRON Components Incorporated KPC357NT Datasheet HTML 6Page - TAITRON Components Incorporated KPC357NT Datasheet HTML 7Page - TAITRON Components Incorporated KPC357NT Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. A/PG 20071130
KPC357NT
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800) 824-8766 (661) 257-6060
Fax: (800)-TAITRON (800) 824-8329 (661) 257-6415
Page 1 of 8
Mini-flat Package
General Purpose Photo Coupler
QSCTA14S
Mini-flat Package General Purpose Photo Coupler
Features
• Opaque type, mini-flat package
• Subminiature type
(The volume is smaller than that of our conventional DIP type
by as far as 30%)
• Current transfer ratio
(CTR: Min.50% at IF=5mA, Vce=5V)
• Isolation voltage between input and output (Viso: 3750 Vrms)
Applications
• Hybrid substrates that require high density mounting.
• Programmable controllers.
Classification table of current transfer ratio is shown below:
Model No.
CTR (%)
A
80 To 160
B
130 To 260
C
200 To 400
D
300 To 600
E
50 To 600


Similar Part No. - KPC357NT

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT COSMO-KPC357NT Datasheet
330Kb / 2P
   Mini-flat package General purpose Photo Coupler
KPC357NT0T COSMO-KPC357NT0T Datasheet
94Kb / 6P
   High Reliability Photocoupler
KPC357NT0TATLD COSMO-KPC357NT0TATLD Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0TATRU COSMO-KPC357NT0TATRU Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0TBTLD COSMO-KPC357NT0TBTLD Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - KPC357NT

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT COSMO-KPC357NT Datasheet
330Kb / 2P
   Mini-flat package General purpose Photo Coupler
logo
AUK corp
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC815M AUK-SPC815M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC717M AUK-SPC717M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
logo
COSMO Electronics Corp...
KPC354NT COSMO-KPC354NT Datasheet
280Kb / 2P
   Mini-flat package AC Input type Photo Coupler
logo
Sharp Corporation
PC357N4J000F SHARP-PC357N4J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com