Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317L Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LM317L
Description  100mA Adjustable Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM317L Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LM317L Datasheet HTML 1Page - TAITRON Components Incorporated LM317L Datasheet HTML 2Page - TAITRON Components Incorporated LM317L Datasheet HTML 3Page - TAITRON Components Incorporated LM317L Datasheet HTML 4Page - TAITRON Components Incorporated LM317L Datasheet HTML 5Page - TAITRON Components Incorporated LM317L Datasheet HTML 6Page - TAITRON Components Incorporated LM317L Datasheet HTML 7Page - TAITRON Components Incorporated LM317L Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. A/DX 2007-06-04
LM317L
100mA Adjustable Positive
Voltage Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 8
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
100mA Adustable Positive Voltage Regulator
General Description
• The LM317L is a monolithic integrated circuit, designed to supply
100mA of output current with voltage adjustable from 1.25V ~ 37V.
• The LM317L is available in standard TO-92 and SOP-8 packages.
Features
Applications
• Output voltage adjustable from 1.25V ~ 37V
• Output current in excess of 100mA
• Internal thermal overload protection
• Internal short circuit current limiting
• Output transistor safe area compensation
• RoHS Compliance
Ordering Information
TO-92
SOP-8
• High Efficiency Linear Regulators
• Post Regulation for Switching Supplies
• Microprocessor Power Supply
• Mother Board I/O Power Supply


Similar Part No. - LM317L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Wing Shing Computer Com...
LM317L WINGS-LM317L Datasheet
68Kb / 1P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATOR IC
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
More results

Similar Description - LM317L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L Datasheet
271Kb / 4P
   100mA ADJUSTABLE OUTPUT, POSITIVE VOLTAGE REGULATOR IC
logo
SeCoS Halbleitertechnol...
SCLM317L SECOS-SCLM317L Datasheet
595Kb / 3P
   100mA Adjustable Voltage Regulator
logo
GTM CORPORATION
GLLM317L GTM-GLLM317L Datasheet
197Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
GMLM317L GTM-GMLM317L Datasheet
206Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
GSCLM317L GTM-GSCLM317L Datasheet
229Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SMLM317L SECOS-SMLM317L Datasheet
595Kb / 3P
   100mA Adjustable Voltage Regulator
logo
GTM CORPORATION
GCLM317L GTM-GCLM317L Datasheet
194Kb / 3P
   100mA adjustable voltage regulator.
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com