Electronic Components Datasheet Search |
|
LM78L09K-XX-TU Datasheet(PDF) 6 Page - TAITRON Components Incorporated |
|
LM78L09K-XX-TU Datasheet(HTML) 6 Page - TAITRON Components Incorporated |
6 / 14 page 100mA Positive Voltage Regulator Rev. A/DX 2007-06-04 LM78L www.taitroncomponents.com Page 6 of 14 For LM78L12 (VIN=19V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified) LM78L12 Symbol Description Min. Typ. Max. Unit Test Conditions 11.52 12.00 12.48 V TJ=25℃ 11.40 - 12.60 V 14.5V≤VIN≤27V, IOUT=1mA-40mA VOUT Output Voltage 11.40 - 12.60 V 14.5V≤VIN≤VMAX, IOUT=1mA- 70mA Power Dissipation<0.5W - 25 150 mV TJ=25℃, 1mA≤IOUT≤100mA ∆VOUT Load Regulation - 12 75 mV TJ=25℃, 1mA≤IOUT≤40mA - 25 300 mV TJ=25℃, 14.5V≤VIN≤27V ∆VOUT Line Regulation - 20 250 mV TJ=25℃, 16V≤VIN≤27V IQ Quiescent Current - 2.0 6.0 mA VIN=19V, IOUT=0mA, TJ=25℃ - - 1.5 mA 16V≤VIN≤27V ∆IQ Quiescent Current Change - - 0.1 mA 1mA≤IIN≤40mA eN Output Noise Voltage - 80 - µV 10Hz≤f≤100KHz ∆VO/∆T Temperature coefficient of VOUT - -1.0 - mV/℃ IOUT=5mA RR Ripple Rejection 37 65 - dB 15V≤VIN≤25V, f=120Hz, TJ=25℃ VD Dropout Voltage - 1.7 - V TJ=25℃ For LM78L15 (VIN=23V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified) LM78L15 Symbol Description Min. Typ. Max. Unit Test Conditions 14.40 15.00 15.60 V TJ=25℃ 14.25 - 15.75 V 17.5V≤VIN≤30V, IOUT=1mA-40mA VOUT Output Voltage 14.25 - 15.75 V 17.5V≤VIN≤VMAX, IOUT=1mA- 70mA Power Dissipation<0.5W - 20 150 mV TJ=25℃, 1mA≤IOUT≤100mA ∆VOUT Load Regulation - 25 150 mV TJ=25℃, 1mA≤IOUT≤70mA - 25 150 mV TJ=25℃, 17.5V≤VIN≤30V ∆VOUT Line Regulation - 15 75 mV TJ=25℃, 20V≤VIN≤30V IQ Quiescent Current - 2.2 6.5 mA VIN=23V, IOUT=0mA, TJ=25℃ - - 1.5 mA 20V≤VIN≤30V ∆IQ Quiescent Current Change - - 0.1 mA 1mA≤IIN≤40mA eN Output Noise Voltage - 90 - µV 10Hz≤f≤100KHz ∆VO/∆T Temperature coefficient of VOUT - -1.3 - mV/℃ IOUT=5mA RR Ripple Rejection 34 63 - dB 18.5V≤VIN≤28.5V, f=120Hz, TJ=25℃ VD Dropout Voltage - 1.7 - V TJ=25℃ |
Similar Part No. - LM78L09K-XX-TU |
|
Similar Description - LM78L09K-XX-TU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |