Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L24S8-XX-TU Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # LM78L24S8-XX-TU
Description  100mA Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM78L24S8-XX-TU Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  LM78L24S8-XX-TU Datasheet HTML 1Page - TAITRON Components Incorporated LM78L24S8-XX-TU Datasheet HTML 2Page - TAITRON Components Incorporated LM78L24S8-XX-TU Datasheet HTML 3Page - TAITRON Components Incorporated LM78L24S8-XX-TU Datasheet HTML 4Page - TAITRON Components Incorporated LM78L24S8-XX-TU Datasheet HTML 5Page - TAITRON Components Incorporated LM78L24S8-XX-TU Datasheet HTML 6Page - TAITRON Components Incorporated LM78L24S8-XX-TU Datasheet HTML 7Page - TAITRON Components Incorporated LM78L24S8-XX-TU Datasheet HTML 8Page - TAITRON Components Incorporated LM78L24S8-XX-TU Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
100mA Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78L
www.taitroncomponents.com
Page 3 of 14
Absolute Maximum Ratings
Symbol
Description
Ratings
Unit
VOUT=5~9V
30
V
VIN
Input Voltage
VOUT=12~24V
35
IOUT
Output Current
100
mA
SOP-8
300
SOT-223
325
SOT-89
350
PD
Power Dissipation
TO-92
625
mW
TJ
Junction Temperature
125
° C
TOPR
Operating Temperature Range
0 ~ 125
° C
TSTG
Storage Temperature Range
-55 ~ 150
° C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Electrical Characteristics
For LM78L05 (VIN=10V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO =0.1µF, unless otherwise specified)
LM78L05
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
4.80
5.0
5.20
V
TJ=25℃
4.75
-
5.25
V
7V≤VIN≤20V, IOUT=1mA-40mA
VOUT
Output Voltage
4.75
-
5.25
V
7V≤VIN≤VMAX, IOUT=1mA-70mA
Power Dissipation<0.5W
-
11
60
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
5.0
30
mV
TJ=25℃, 1mA≤IOUT≤40mA
-
8
150
mV
TJ=25℃, 7V≤VIN≤20V
∆VOUT
Line Regulation
-
6
100
mV
TJ=25℃, 8V≤VIN≤20V
IQ
Quiescent Current
-
2.0
5.5
mA
VIN=10V, IOUT=0mA, TJ=25℃
-
-
1.5
mA
8V≤VIN≤20V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
40
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-0.65
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
41
80
-
dB
8V≤VIN≤20V, f=120Hz, TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃


Similar Part No. - LM78L24S8-XX-TU

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM78L24 HTC-LM78L24 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
LM78L24 FCI-LM78L24 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM78L24 HTC-LM78L24 Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L24A HTC-LM78L24A Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM78L24A3 CYSTEKEC-LM78L24A3 Datasheet
501Kb / 14P
   LM78LXXA3/M3 CYStek Product Specification
More results

Similar Description - LM78L24S8-XX-TU

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com