Electronic Components Datasheet Search |
|
LM78L09Z-XX-BL Datasheet(PDF) 3 Page - TAITRON Components Incorporated |
|
LM78L09Z-XX-BL Datasheet(HTML) 3 Page - TAITRON Components Incorporated |
3 / 14 page 100mA Positive Voltage Regulator Rev. A/DX 2007-06-04 LM78L www.taitroncomponents.com Page 3 of 14 Absolute Maximum Ratings Symbol Description Ratings Unit VOUT=5~9V 30 V VIN Input Voltage VOUT=12~24V 35 IOUT Output Current 100 mA SOP-8 300 SOT-223 325 SOT-89 350 PD Power Dissipation TO-92 625 mW TJ Junction Temperature 125 ° C TOPR Operating Temperature Range 0 ~ 125 ° C TSTG Storage Temperature Range -55 ~ 150 ° C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. Electrical Characteristics For LM78L05 (VIN=10V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO =0.1µF, unless otherwise specified) LM78L05 Symbol Description Min. Typ. Max. Unit Test Conditions 4.80 5.0 5.20 V TJ=25℃ 4.75 - 5.25 V 7V≤VIN≤20V, IOUT=1mA-40mA VOUT Output Voltage 4.75 - 5.25 V 7V≤VIN≤VMAX, IOUT=1mA-70mA Power Dissipation<0.5W - 11 60 mV TJ=25℃, 1mA≤IOUT≤100mA ∆VOUT Load Regulation - 5.0 30 mV TJ=25℃, 1mA≤IOUT≤40mA - 8 150 mV TJ=25℃, 7V≤VIN≤20V ∆VOUT Line Regulation - 6 100 mV TJ=25℃, 8V≤VIN≤20V IQ Quiescent Current - 2.0 5.5 mA VIN=10V, IOUT=0mA, TJ=25℃ - - 1.5 mA 8V≤VIN≤20V ∆IQ Quiescent Current Change - - 0.1 mA 1mA≤IIN≤40mA eN Output Noise Voltage - 40 - µV 10Hz≤f≤100KHz ∆VO/∆T Temperature coefficient of VOUT - -0.65 - mV/℃ IOUT=5mA RR Ripple Rejection 41 80 - dB 8V≤VIN≤20V, f=120Hz, TJ=25℃ VD Dropout Voltage - 1.7 - V TJ=25℃ |
Similar Part No. - LM78L09Z-XX-BL |
|
Similar Description - LM78L09Z-XX-BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |