Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78LM06K-XX-AR Datasheet(PDF) 8 Page - TAITRON Components Incorporated

Part # LM78LM06K-XX-AR
Description  200mA Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM78LM06K-XX-AR Datasheet(HTML) 8 Page - TAITRON Components Incorporated

Back Button LM78LM06K-XX-AR Datasheet HTML 4Page - TAITRON Components Incorporated LM78LM06K-XX-AR Datasheet HTML 5Page - TAITRON Components Incorporated LM78LM06K-XX-AR Datasheet HTML 6Page - TAITRON Components Incorporated LM78LM06K-XX-AR Datasheet HTML 7Page - TAITRON Components Incorporated LM78LM06K-XX-AR Datasheet HTML 8Page - TAITRON Components Incorporated LM78LM06K-XX-AR Datasheet HTML 9Page - TAITRON Components Incorporated LM78LM06K-XX-AR Datasheet HTML 10Page - TAITRON Components Incorporated LM78LM06K-XX-AR Datasheet HTML 11Page - TAITRON Components Incorporated LM78LM06K-XX-AR Datasheet HTML 12Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
200mA Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78LM
www.taitroncomponents.com
Page 8 of 15
Fig.1- Ambient temperature vs. Power dissipation
Ambient Temperature (℃)
Fig.2- LM78LM05 Output Voltage vs.
Ambient Temperature
Ambient Temperature (℃)
Fig.3- LM78LM12 Output Voltage vs.
Ambient Temperature
Ambient Temperature (℃)
Fig.4- Output Characteristics
(IOUT=0mA, Tj=25℃)
Input Voltage (V)
Typical Characteristics Curves


Similar Part No. - LM78LM06K-XX-AR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L NSC-LM78L Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Texas Instruments
LM78L TI1-LM78L Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
logo
National Semiconductor ...
LM78L00 NSC-LM78L00 Datasheet
164Kb / 10P
   LM78L00 Series 3-Terminal Positive Voltage Regulators
logo
First Components Intern...
LM78L00 FCI-LM78L00 Datasheet
386Kb / 6P
   3-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - LM78LM06K-XX-AR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com