Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C317405A60 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V53C317405A60
Description  4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C317405A60 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V53C317405A60 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C317405A60 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C317405A60 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C317405A60 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C317405A60 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C317405A60 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C317405A60 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C317405A60 Datasheet HTML 10Page - Mosel Vitelic, Corp V53C317405A60 Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
MOSEL VITELIC
V53C317405A
V53C317405A Rev. 0.2 September 1998
CAS-before-RAS Counter Test Cycle
57
tCPT
CAS precharge time
35
40
ns
Test Mode
61
tWTS
Write command setup time
10
10
ns
62
tWTH
Write command hold time
10
10
ns
63
tCHRT
CAS hold time
30
30
ns
64
tRAHT
RAS hold time in test mode
30
30
ns
AC Characteristics(5, 6)
TA = 0 to 70 ˚C,VCC = 3.3 V ± 10 %, tT = 2 ns
#
Symbol
Parameter
-50
-60
Unit
Note
min.
max.
min.
max.


Similar Part No. - V53C317405A60

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C316405A50 MOSEL-V53C316405A50 Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C316405A60 MOSEL-V53C316405A60 Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C318165A50 MOSEL-V53C318165A50 Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C317405A60

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
AMIC Technology
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A422604 AMICC-A422604 Datasheet
262Kb / 24P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604 Datasheet
265Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com