Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD100-12-22-021 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # SD100-12-22-021
Description  Blue Enhanced Silicon Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

SD100-12-22-021 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  SD100-12-22-021 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
• Blue enhanced
• High shunt resistance
• High response
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-55
+150
°C
TO
Operating Temperature
-40
+125
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
VR = 5V
1.6
6.4
nA
RSH
Shunt Resistance
VR = 10 mV
300
MΩ
VR = 0 V, f = 1 MHz
87
CJ
Junction Capacitance
VR = 5 V, f = 1 MHz
26
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
R
Responsivity
l= 450 nm V, VR = 0 V
0.20
0.28
A/W
VBR
Breakdown Voltage
I = 10 μA
50
V
NEP
Noise Equivalent Power
VR = 0V @ l=Peak
4.2x10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR =10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Wavelength (nm)
Blue Enhanced Silicon Photodiode
SD 100-12-22-021
PACKAGE DIMENSIONS INCH [mm]
TO-5 PACKAGE
The SD 100-12-22-021 is a blue enhanced silicon
PIN photodiode, packaged in a hermetic TO-5 metal
package.
• Instrumentation
• Industrial
• Medical
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
REV 7/31/06
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-5 PACKAGE
ACTIVE AREA
1 ANODE
SCHEMATIC
2 CATHODE/ CASE GROUND
3 NOT USED
Ø.100 [Ø2.54]
.118 [3.00]
SQUARE
45°
1
2
3
Ø.200 [5.08]
PIN CIRCLE
3X Ø.018 [0.46]
3X .500 [12.7] MIN
.075 [1.91]
.157 [3.99]
.169 [4.29]
.010 [0.25] MAX
GLASS ABOVE CAP
TOP EDGE
82°
VIEWING
ANGLE
Ø.256 [6.50]
Ø.264 [6.70]
Ø .362 [9.19]
Ø .357 [9.07]
Ø.320 [8.13]
Ø.330 [8.38]


Similar Part No. - SD100-12-22-021

ManufacturerPart #DatasheetDescription
logo
Luna Innovations Incorp...
SD100-12-22-021 LUNA-SD100-12-22-021 Datasheet
192Kb / 2P
   Blue Enhanced Silicon Photodiode
More results

Similar Description - SD100-12-22-021

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SD200-12-22-041 ADVANCEDPHOTONIX-SD200-12-22-041 Datasheet
96Kb / 1P
   Blue Enhanced Silicon Photodiode
SD200-12-22-241 ADVANCEDPHOTONIX-SD200-12-22-241 Datasheet
97Kb / 1P
   Blue Enhanced Silicon Photodiode
SD444-12-12-171 ADVANCEDPHOTONIX-SD444-12-12-171 Datasheet
102Kb / 1P
   Blue Enhanced Silicon Photodiode
SD290-12-22-241 ADVANCEDPHOTONIX-SD290-12-22-241 Datasheet
96Kb / 1P
   Blue Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD290-12-22-241 LUNA-SD290-12-22-241 Datasheet
181Kb / 2P
   Blue Enhanced Silicon Photodiode
SD200-12-22-241 LUNA-SD200-12-22-241 Datasheet
182Kb / 2P
   Blue Enhanced Silicon Photodiode
SD100-12-22-021 LUNA-SD100-12-22-021 Datasheet
192Kb / 2P
   Blue Enhanced Silicon Photodiode
SD200-12-22-041 LUNA-SD200-12-22-041 Datasheet
191Kb / 2P
   Blue Enhanced Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C164 ADVANCEDPHOTONIX-PDB-C164 Datasheet
128Kb / 1P
   Blue Enhanced Photoconductive Silicon Photodiode
PDB-V104 ADVANCEDPHOTONIX-PDB-V104 Datasheet
94Kb / 1P
   Blue Enhanced Photovoltaic Silicon Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com