Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOX923E Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX923E
Description  3.0V Surface Mount TCXO/VCTCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX923E Datasheet(HTML) 1 Page - Fox Electronics

  FOX923E Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
93
3.0V Surface Mount TCXO/VCTCXO
MODEL: FOX923 SERIES
FEATURES
• 3.0V Operation
• 1.0 mm Max Height
• Clipped SINE Output
• Low Cost
• Tape and Reel
Frequency
Stability
Operating
Temperature
-20 ~ +75 ºC
-20 ~ +75 ºC
Frequency
Range (MHz)
8.000 ~ 35.000
8.000 ~ 35.000
Model
Number
FOX923B
FOX923E
Part Number
673-Frequency-xxxxx
638-Frequency-xxxxx
see table
see table
• PART NUMBER SELECTION Learn More - Internet Required
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
1For proper operation, a control Voltage (Vc) must be applied to pin 1 on VCTCXO's.
2Other stabilities/temperature ranges available.
3Other voltages available.
All specifications subject to change without notice. Rev. 7/26/05
8.000 ~ 35.000 MHz
± 1.0PPM
± 2.5PPM
± 0.2PPM
± 0.2PPM
-20 ~ +75ºC
-40 ~ +85ºC
3.0V ± 5%
2.0mA
0.8V MIN
± 1.0PPM
±5PPM MIN, ±15PPM MAX
260ºC / 10 Seconds*
1
Au
PARAMETERS
Frequency Range
(FO)
Initial Frequency Tolerance @ 25ºC
(FOX923E: VC = 1.5V1)
Frequency Stability2
Over Temperature Range
Over Supply Voltage Change (3.0V ± 5%)
Over Load Change (10K
Ω//10pF) ±10%
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Supply Voltage3
(VDD)
Input Current
(IDD)
Output Waveform
(Clipped Sine)
Peak-to-Peak Level (Vp-p)
Aging @ 25ºC; per year
Pullability1 (Vc = 1.5V ± 1.0V)
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
All dimensions are in millimeters.
Pin Connections
#1 NC
#3 Output
#2 GND
#4 Vdd
#1 Vc
#3 Output
#2 GND
#4 Vdd
FOX923B
FOX923E
OPTIONS
• Voltage Control (FOX923E)
• Voltages of 2.8V ~ 3.3V
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA Munich, Germany +49 0 89.90936870 FAX +49 0 89.90936776 | Asia Hong Kong +852.2854.4285 FAX +852.2854.4282
© 2005 FOX ELECTRONICS


Similar Part No. - FOX923E

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX923E FOX-FOX923E Datasheet
165Kb / 1P
   1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
FOX923E-GP FOX-FOX923E-GP Datasheet
173Kb / 1P
   SMD TCXO/VCTCXO for GPS Applications
More results

Similar Description - FOX923E

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
   3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
FOX914B FOX-FOX914B_13 Datasheet
495Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACTSTE01 ACT-ACTSTE01 Datasheet
175Kb / 2P
   TCXO/ VCTCXO housed in a Surface Mount
20/3/06
logo
ECM Electronics Limited...
ECVT-560 ECM-ECVT-560 Datasheet
67Kb / 1P
   Surface Mount VCTCXO
ECVT600 ECM-ECVT600 Datasheet
71Kb / 1P
   Surface Mount VCTCXO
ECVT496 ECM-ECVT496 Datasheet
94Kb / 1P
   Surface Mount VCTCXO
ECVT8120 ECM-ECVT8120 Datasheet
137Kb / 1P
   Surface Mount VCTCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com