Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD219-51-03-301 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # SD219-51-03-301
Description  Blue Enhanced Linear Array Silicon Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

SD219-51-03-301 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  SD219-51-03-301 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Compact package
• Blue enhanced
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
50
V
TSTG
Storage Temperature
-40
+100
°C
TO
Operating Temperature
-40
+75
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
VR = 10V
2.7
nA
RSH
Shunt Resistance
VR = 10 mV
600
MΩ
CJ
Junction Capacitance
VR =0 V, f = 1 MHz
28
33
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
VBR
Breakdown Voltage
I = 10 μA
-
-
V
NEP
Noise Equivalent Power
VR = 0V @ l=Peak
1.4x10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Wavelength (nm)
Blue Enhanced Linear Array Silicon Photodiode
SD 219-51-03-301
PACKAGE DIMENSIONS INCH [mm]
TO-46 PACKAGE
The SD 219-51-03-301 is a blue enhanced linear
array 12 elements silicon photodiode available in a
ceramic package.
• Medical
• Industrial
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
CERAMIC PACKAGE
ELEMENT
PIN NO.
A
B
C
D
E
F
G
H
12
4
3
11
13
2
1
ELEMENT
M
CATHODE
CATHODE
K
L
J
6
14
7
8
PIN NO.
5
9
10
PIN CONNECTIONS
1
2
3
4
5
6
8
9
10
11
12
13
14
7
A BC D EF G H JK LM
.124 [3.15]
.038 [0.97]
.039 [1.00] PITCH
12X .038 [0.97] ACTIVE AREA
11X .001 [0.03] GAP
12X .080 [2.03]
ACTIVE AREA
.295 [7.49]
.305 [7.75]
.128 [3.25]
.505 [12.83]
.738 [18.74]
.758 [19.25]
14X .165 [4.19] MIN
.063 [1.60]
.043 [1.09]
.116 [2.95]
.096 [2.44]
.300 [7.62]
14X .010 [0.25] X
.018 [0.46] LEADS
.100 [2.54] TYP
.075 [1.91]


Similar Part No. - SD219-51-03-301

ManufacturerPart #DatasheetDescription
logo
Luna Innovations Incorp...
SD219-51-03-301 LUNA-SD219-51-03-301 Datasheet
103Kb / 2P
   Blue Enhanced Linear Array Silicon Photodiode
More results

Similar Description - SD219-51-03-301

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C232 ADVANCEDPHOTONIX-PDB-C232 Datasheet
115Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
List of Unclassifed Man...
PDB-C216 ETC2-PDB-C216 Datasheet
175Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C216 ADVANCEDPHOTONIX-PDB-C216 Datasheet
110Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
Luna Innovations Incorp...
SD219-51-03-301 LUNA-SD219-51-03-301 Datasheet
103Kb / 2P
   Blue Enhanced Linear Array Silicon Photodiode
logo
List of Unclassifed Man...
PDB-C232 ETC2-PDB-C232 Datasheet
169Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
Advanced Photonix, Inc.
SD200-12-22-041 ADVANCEDPHOTONIX-SD200-12-22-041 Datasheet
96Kb / 1P
   Blue Enhanced Silicon Photodiode
SD200-12-22-241 ADVANCEDPHOTONIX-SD200-12-22-241 Datasheet
97Kb / 1P
   Blue Enhanced Silicon Photodiode
SD444-12-12-171 ADVANCEDPHOTONIX-SD444-12-12-171 Datasheet
102Kb / 1P
   Blue Enhanced Silicon Photodiode
SD290-12-22-241 ADVANCEDPHOTONIX-SD290-12-22-241 Datasheet
96Kb / 1P
   Blue Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD290-12-22-241 LUNA-SD290-12-22-241 Datasheet
181Kb / 2P
   Blue Enhanced Silicon Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com