Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOX801AELF Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX801AELF
Description  3.0V / 5.0V, Clipped Sine, TCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX801AELF Datasheet(HTML) 1 Page - Fox Electronics

  FOX801AELF Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Rev. 6/9/2008
FEATURES
• 2.0mm Height Max
• Low Cost
• Clipped Sine Output
• Tape and Reel (2,000 pcs. STD)
All dimensions are in millimeters.
OPTIONS
• 'ALF' Version - 5.0V
• 'BLF' Version - 3.0V
• VCTCXO - AELF/BELF Version
• VCTCXO - AHLF/BHLF Version
(trimmerless)
1 For proper operation, a control voltage (Vc) must be applied to pin 1 on VCTCXOs.
All specifications subject to change without notice.
Frequency
Stability
Operating
Temperature (ºC)
-30 ~ +75
-30 ~ +75
-30 ~ +75
-30 ~ +75
-30 ~ +75
-30 ~ +75
Frequency
Range (MHz)
9.600 ~ 50.000
9.600 ~ 50.000
9.600 ~ 50.000
9.600 ~ 50.000
9.600 ~ 50.000
9.600 ~ 50.000
Model
Number
Part Number
250LF-Frequency-xxxxx
251LF-Frequency-xxxxx
252LF-Frequency-xxxxx
253LF-Frequency-xxxxx
254LF-Frequency-xxxxx
255LF-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
see table
see table
see table
see table
see table
see table
FOX801ALF
FOX801AELF
FOX801AHLF
FOX801BLF
FOX801BELF
FOX801BHLF
3.0V / 5.0V, Clipped Sine, TCXO
Rev. 6/9/2008
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FOX801LF Series
Page 1 of 1
PARAMETERS
Frequency Range
(Fo)
Temperature Range
Operating
(Topr)
Storage
(Tstg)
Initial Frequency Tolerance (@25ºC)
Vc = 2.5V (ALF Series)1 FOX801ALF/BLF/AELF/BELF
Vc = 1.5V (BLF Series)1 FOX801AHLF/BHLF
Supply Voltage
(Vdd)
ALF Version
BLF Version
Input Current
(Idd)
9.600 ~ 21.999 MHz
21.999+ ~ 27.999 MHz
27.999+ ~ 39.999 MHz
39.999+ ~ 50.000 MHz
Frequency Stability
Over Temperature Range
Over Supply Voltage Change (Vdd ± 5%)
9.600 ~ 21.999 MHz
21.999+ ~ 27.999 MHz
27.999+ ~ 50.000 MHz
Over Load Change (10Ω ± 10% // 10pF ± 10%)
Output Waveform
(Clipped Sine)
Peak-to-Peak Level (Vp-p)
ALF Version: 9.600 ~ 15.999 MHz
ALF Version: 16.000 ~ 50.000 MHz
BLF Version: 9.600 ~ 15.999 MHz
BLF Version: 16.000 ~ 50.000 MHz
Output Load
Frequency Adjustment (Internal Trimmer)
FOX801ALF/BLF/AELF/BELF
FOX801AHLF/BHLF
Voltage Control Option (VCTCXO)1
ALF Version (Vc=2.5±2.0V) FOX801ALF/BLF
BLF Version (Vc=1.5±1.0V) FOX801AELF/BELF
FOX801AHLF/BHLF
Aging per year
9.600 ~ 50.000 MHz
-30ºC ~ +75ºC
-35ºC ~ +80ºC
±0.5PPM
±2.0PPM
5.0V ± 5%
3.0V ± 5%
2.0mA
3.0mA
4.0mA
5.0mA
±2.5PPM
±0.3PPM
±0.5PPM
±1.0PPM
±0.3PPM
1.0V Min
0.8V Min
0.8V Min
0.7V Min
10K
Ω // 10pF
±3.0PPM
Trimmerless
None
±5.0PPM Min
±8.0PPM Min
1.0PPM
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)


Similar Part No. - FOX801AELF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX801AE FOX-FOX801AE Datasheet
263Kb / 1P
   3.0V/5.0V LOW PROFILE TCXO
More results

Similar Description - FOX801AELF

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSXO-81 GOLLEDGE-GSXO-81 Datasheet
48Kb / 1P
   2.7V ~ 5.0V SM TCXO CLIPPED SINE
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
logo
Vanlong Technology Co.,...
TO506 VANLONG-TO506 Datasheet
37Kb / 1P
   Clipped-Sine/CMOS Leaded TCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
   Clipped Sine Wave TCXO/VCTCXO
07/10/2013
logo
Fox Electronics
FOX801 FOX-FOX801 Datasheet
263Kb / 1P
   3.0V/5.0V LOW PROFILE TCXO
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Golledge Electronics Lt...
GTXO-83 GOLLEDGE-GTXO-83_15 Datasheet
177Kb / 2P
   2.4V - 5.5V SM TCXO Clipped Sine
GTXO-83 GOLLEDGE-GTXO-83_08 Datasheet
82Kb / 2P
   2.4V ~ 5.5V SM TCXO Clipped Sine
GTXO-91 GOLLEDGE-GTXO-91 Datasheet
171Kb / 2P
   1.8V - 3.3V SM TCXO Clipped Sine
logo
QUARTZCOM the communica...
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com