Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD630-70-73-500 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # SD630-70-73-500
Description  Non-Cooled Large Area UV Silicon Avalanche Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

SD630-70-73-500 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  SD630-70-73-500 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
• High gain
• High Speed
SYMBOL
PARAMETER
MIN
MAX
UNITS
M
Gain
250
TSTG
Storage Temperature
-55
+70
°C
TO
Operating Temperature
-55
+40
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
280
600
nA
CJ
Junction Capacitance
f = 1 MHz
130
pF
IN
Noise Current Spectral Density f = 100 kHz
2.5
5.5
pA/
√Hz
lrange
Spectral Application Range
Spot Scan
350
1050
nm
R
Responsivity
l= 350 nm, VR = 0 V
38
A/W
Vop
Operating voltage
1700
2000
V
TVBR
Temp. Coeff. Breakdown voltage
Constant Gain = 200
2
V
tr
Response Time*
RL = 50
Ω, l= 675nm
15
22
nS
SPECTRAL RESPONSE M = 200
0
20
40
60
80
100
Wavelength (nm)
0
20
40
60
80
100
Non-Cooled Large Area UV Silicon Avalanche Photodiode
SD 630-70-73-500
PACKAGE DIMENSIONS INCHES
SHV PACKAGE
The SD 630-70-73-500 is a non-cooled large area UV
enhanced silicon avalanche photodiode (APD) with
high gain and low noise in a SHV package.
• Instrumentation
• Medical
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C and Gain of 200 UNLESS OTHERWISE NOTED
*Response time of 10% to 90% is specified at 675nm wavelength light.
Each part is supplied with gain bias voltages and dark current data.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
QE
R
Connector center pin cathode
Connector outer jacket anode


Similar Part No. - SD630-70-73-500

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SD630-70-72-500 ADVANCEDPHOTONIX-SD630-70-72-500 Datasheet
58Kb / 1P
   Non-Cooled Large Area Red Silicon Avalanche Photodiode
logo
Luna Innovations Incorp...
SD630-70-72-500 LUNA-SD630-70-72-500 Datasheet
131Kb / 2P
   Non-Cooled Large Area Red Silicon Avalanche Photodiode
logo
Advanced Photonix, Inc.
SD630-70-74-500 ADVANCEDPHOTONIX-SD630-70-74-500 Datasheet
57Kb / 1P
   Non-Cooled Large Area Blue Silicon Avalanche Photodiode
logo
Luna Innovations Incorp...
SD630-70-74-500 LUNA-SD630-70-74-500 Datasheet
146Kb / 2P
   Non-Cooled Large Area Blue Silicon Avalanche Photodiode
logo
Advanced Photonix, Inc.
SD630-70-75-500 ADVANCEDPHOTONIX-SD630-70-75-500 Datasheet
56Kb / 1P
   Non-Cooled Large Area DUV Silicon Avalanche Photodiode
More results

Similar Description - SD630-70-73-500

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SD630-70-72-500 ADVANCEDPHOTONIX-SD630-70-72-500 Datasheet
58Kb / 1P
   Non-Cooled Large Area Red Silicon Avalanche Photodiode
SD630-70-74-500 ADVANCEDPHOTONIX-SD630-70-74-500 Datasheet
57Kb / 1P
   Non-Cooled Large Area Blue Silicon Avalanche Photodiode
logo
Luna Innovations Incorp...
SD630-70-72-500 LUNA-SD630-70-72-500 Datasheet
131Kb / 2P
   Non-Cooled Large Area Red Silicon Avalanche Photodiode
SD630-70-74-500 LUNA-SD630-70-74-500 Datasheet
146Kb / 2P
   Non-Cooled Large Area Blue Silicon Avalanche Photodiode
logo
Advanced Photonix, Inc.
SD630-70-75-500 ADVANCEDPHOTONIX-SD630-70-75-500 Datasheet
56Kb / 1P
   Non-Cooled Large Area DUV Silicon Avalanche Photodiode
SD394-70-72-591 ADVANCEDPHOTONIX-SD394-70-72-591 Datasheet
62Kb / 1P
   Cooled Large Area Red Silicon Avalanche Photodiode
logo
Luna Innovations Incorp...
SD197-70-72-591 LUNA-SD197-70-72-591 Datasheet
186Kb / 2P
   Cooled Large Area Red Silicon Avalanche Photodiode
logo
Advanced Photonix, Inc.
SD197-70-72-591 ADVANCEDPHOTONIX-SD197-70-72-591 Datasheet
64Kb / 1P
   Cooled Large Area Red Silicon Avalanche Photodiode
SD197-70-74-591 ADVANCEDPHOTONIX-SD197-70-74-591 Datasheet
65Kb / 1P
   Cooled Large Area Blue Silicon Avalanche Photodiode
logo
Luna Innovations Incorp...
SD394-70-74-591 LUNA-SD394-70-74-591 Datasheet
141Kb / 2P
   Cooled Large Area Blue Silicon Avalanche Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com