Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24000FM Datasheet(PDF) 1 Page - Fox Electronics

Part # 24000FM
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

24000FM Datasheet(HTML) 1 Page - Fox Electronics

  24000FM Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
The Fox FM Series SMD crystal features a package size of 6.0 x
3.5 x 1.0mm. With its ceramic base and metal lid, the FM Series
provides the durability and reliability necessary for strenuous
processes like infrared and vapor phase reflows. Also, the high
frequency fundamental mode up to 40MHz eases circuit design.
FEATURES
• Ultra Miniature Package
• 1.0mm Height
• Only 2.1cc Volume
• High Frequency Fundamental
• High Reliability
• Tape and Reel (2,000 pcs. STD)
All dimensions are in millimeters.
See page 31 for tape and reel specifications.
ULTRA MINIATURE CERAMIC SMD CRYSTAL
FM
PARAMETERS
Frequency Range
Frequency Stability
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging
• FM/FMB STANDARD SPECIFICATIONS *
MIN
10.368
-100
-10
-30
10
-5.0
CONDITIONS
Ta = -10ºC ~ +60ºC
Inclusive of Tolerance at 25ºC
Customer Specified
10.368 ~ 67.000 MHz
Ta = 25ºC; per year
MAX
67.000
+100
+60
+85
7.0
Series
0.1
+5.0
UNITS
MHz
PPM
ºC
pF
pF
mW
PPM
Max ESR
80
60
40
70
Frequency Range (MHz)
10.368 ~ 12.000
12.000+ ~ 16.000
16.000+ ~ 40.000
40.000+ ~ 67.000
* Other tolerances, stabilities & operating temperature ranges available.
Consult Fox Customer Service for specific requirements, or use crystal
order form on page 6. All specifications subject to change without notice.
Rev. 05/03/00
Operating Mode
Fundamental
Fundamental
Fundamental
3rd OT


Similar Part No. - 24000FM

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
24000FMB FOX-24000FMB Datasheet
87Kb / 1P
   CERAMIC SEAM SEALED SMD CRYSTAL
More results

Similar Description - 24000FM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM12 ABRACON-ABM12 Datasheet
195Kb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
05.01.07
ABM8 ABRACON-ABM8 Datasheet
200Kb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
07.10.07
logo
Fox Electronics
FM FOX-FM Datasheet
151Kb / 1P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM10-165-38.400MHZ-T3 ABRACON-ABM10-165-38.400MHZ-T3 Datasheet
1Mb / 2P
   Ultra Miniature Ceramic SMD Crystal
ABM8 ABRACON-ABM8_07 Datasheet
245Kb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.30.07
ABM11 ABRACON-ABM11 Datasheet
263Kb / 1P
   CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com